Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545ID Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC3545ID
Description  5-V, LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC3545ID Datasheet(HTML) 4 Page - Texas Instruments

  TLC3545ID Datasheet HTML 1Page - Texas Instruments TLC3545ID Datasheet HTML 2Page - Texas Instruments TLC3545ID Datasheet HTML 3Page - Texas Instruments TLC3545ID Datasheet HTML 4Page - Texas Instruments TLC3545ID Datasheet HTML 5Page - Texas Instruments TLC3545ID Datasheet HTML 6Page - Texas Instruments TLC3545ID Datasheet HTML 7Page - Texas Instruments TLC3545ID Datasheet HTML 8Page - Texas Instruments TLC3545ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
4
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, GND to VDD
−0.3 V to 6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
−0.3 V to VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage
VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TA (I suffix)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
Frequency, SCLK
VDD = 4.5 V to 5.5 V
100
15000
kHz
Tolerable clock jitter, SCLK
VDD = 4.5 V to 5.5 V
97
ps
Aperature jitter
VDD = 4.5 V to 5.5 V
100
ps
External reference voltage input, VREF
External reference voltage input, VREF
4
VDD
V
VREF input impedance
VDD = 5 V, CS = 1, SCLK = 0
100
M
Ω
VREF input impedance
VDD = 5 V, CS = 0, SCLK = 15 MHz
20
25
k
Ω
External reference input current
VDD = VREF = 4.5 V, CS=0, SCLK = 15 MHz
0.02
1
mA
Analog input voltage
AIN, AIN(+)
0
VDD
V
Analog input voltage
AIN(−)
−0.2
0.2
V
High level control input voltage, VIH
2.1
V
Low level control input voltage, VIL
0.8
V
Operating free-air temperature, TA
TLC3541/45I
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com