| Electronic Components Datasheet Search |
|
TLC3545ID Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3545ID Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 29 page ![]() TLC3541, TLC3545 SLAS345 − DECEMBER 2001 13 www.ti.com PRINCIPLES OF OPERATION control via pin 1 (CS, DSP interface) All devices are compatible with this mode of operation. The FS signal from a DSP is connected directly to the CS input of the ADC. A falling edge on the CS input while SCLK is high or low initiates the cycle. (For TLC3541 in this configuration, the FS input is tied to VDD.) Enough time should be allowed before the next rising CS edge so that the conversion cycle is not terminated prematurely. 1 2 3 5 4 6 7 13 14 15 16 1 12 ts tconv t(PWRDWN) SDO Data Is the Result of the Previous Sample For TLC35xx, the LSB Is Presented on the Rising SCLK 14th Edge MSB MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 MSB−6 LSB+2 LSB+1 LSB LSB−1 LSB−2 SCLK CS SDO MSB MSB−1 The CS Input Signal Is Generated by the FS Output From a TMS320 DSP 24 Figure 16. DSP Cycle Timing Using the CS Input (FS = 1 for TLC3541 only) control via pin 1 and pin 7 (CS and FS or FS only, DSP interface) Only TLC3541 is compatible with this mode of operation. The CS input to the ADC can be controlled via a general-purpose I/O pin from the DSP or tied to ground. The FS signal from the DSP is connected directly to the FS input of the ADC. A rising FS edge releases the MSB to the SDO output. The falling edge on the FS input while SCLK is high or low initiates the cycle. The CS input should remain low for the entire sampling time plus 4 SCLK decoding time after falling FS (24 falling SCLK edges) and can then be released at any time during the remainder of the conversion cycle. The optimum DSP interface is achieved when tying CS to ground and using only the FS input to control the ADC. tconv t(PWRDWN) SDO Data Is the Result of the Previous Sample For TLC35xx, the LSB Is Presented on the Rising SCLK 14th Edge 1 2 3 5 4 6 14 15 16 1 2 34 ts MSB MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 LSB+1 LSB LSB−1 LSB−2 MSB MSB−1 MSB−2 MSB−3 The MSB Is Presented on the SDO Output After a Rising Edge on the FS Input. 17 24 The Device Will Go Into the Power Down State After the Conversion Is Complete. A Falling CS Edge or Rising FS Edge, Whichever Occurs First, Removes the Device From Power Down. SCLK CS SDO FS Figure 17. DSP Cycle Timing Using FS Only (or Using Both CS and FS for TLC3541) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |