Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5960DA Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM™)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5960DA Datasheet(HTML) 4 Page - Texas Instruments

  TLC5960DA Datasheet HTML 1Page - Texas Instruments TLC5960DA Datasheet HTML 2Page - Texas Instruments TLC5960DA Datasheet HTML 3Page - Texas Instruments TLC5960DA Datasheet HTML 4Page - Texas Instruments TLC5960DA Datasheet HTML 5Page - Texas Instruments TLC5960DA Datasheet HTML 6Page - Texas Instruments TLC5960DA Datasheet HTML 7Page - Texas Instruments TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
At VIN = 10.0V to 28.0V and TA = –40°C to +85°C. Typical values at VIN = 24V and TA = +25°C, unless otherwise noted.
TLC5960
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Open-drain low-level output voltage
IOL = 1mA at XFLT
0.8
V
EN
100
k
Ω
RPD
Internal pull-down resistance
CTRL1 to CTRL4
500
k
Ω
HVM4, CTRL2 > 7.0V
2
M
Ω
VIN < VPOR
(1)
20
40
µA
IIN
VIN supply current
VIN > VPOR, EN = high or low,
10
16
mA
CTRL1 to CTRL4 = high or low
IOH
High-level output current (G1 to G8)
EN = CTRL1 to CTRL4 = high
2
mA
Input offset voltage of output amplifier
VOFFSET
VADJ = 1.2V
–10
10
mV
(S1 to S8)
VDREF+
HVM upper threshold (D1 to D8)
EN = CTRL1 to CTRL4 = high
2.5
2.6
2.7
V
VDREF–
HVM lower threshold (D1 to D8)
EN = CTRL1 to CTRL4 = high
1.55
1.6
1.65
V
HVM output voltage range
VHVM
EN = high or low, CTRL1 to CTRL4 = high or low
0.1
0.7
1.3
V
(HVM1 to HVM4)
HVM output source current
HVM1 to HVM4 = 1.25V
–1.5
mA
IHVM
HVM output sink current
HVM1 to HVM4 = 0.14V
1.5
mA
LED open detection threshold
VLOD
EN = CTRL1 to CTRL4 = high
0.7
0.8
0.9
V
(D1 to D8 undervoltage detection)
LED short detection threshold
EN = CTRL1 to CTRL4 = high, CTRL2,4 < 6V,
VLSD
18.0
19.2
20.4
V
(D1 to D8 overvoltage detection)
HVM 2CH mode
FET open detection threshold
VFOD
EN = high, CTRL1 to CTRL4 = high, VADJ = 5.0V
300
mV
(S1 to S8 undervoltage detection)
FET short detection threshold
VFSD
EN = high
0.8
0.9
1.0
V
(S1 to S8 overvoltage detection)
FET short detection hysteresis
VFSDHYS
150
200
250
mV
(S1 to S8 overvoltage detection)
Thermal shutdown junction
TSTD
+160
°C
temperature(2)
5V LDO
CVREG5 = 2.2µF
VREG
Regulator output voltage
10V < VIN < 28V, IVREG5 < 25mA
4.75
5.00
5.25
V
VIN = 24V, VREG5 = 4.5V
20
40
80
mA
ILIM
Current limit
VIN = 24V, VREG5 = 0V
10
20
40
mA
POWER-ON RESET (POR)
VPOR
Undervoltage lockout on VIN
Negative going threshold on VIN
6.5
7.0
7.5
V
VPORHYS
Undervoltage lockout hysteresis
500
mV
AC CHARACTERISTICS
TA = +25°C
tDET
Protection time after channel enabled
21
26
31
µs
tDET1
Detection time after channel enable
13
µs
Protection/XFLT indication wait time after
tDET2
13
µs
detection(3)
tD
Built-in phase shift unit delay time
13
µs
(1)
VPOR is the power-on reset voltage.
(2)
Specified by design.
(3)
XFLT is the fault indicator; protection means that the failed channel shuts off. tDET = tDET1 + tDET2.
SWITCHING CHARACTERISTICS
At VIN = 10.0V to 28.0V and TA = –40°C to +85°C, with typical values at VIN = 24V and TA = +25°C, unless otherwise noted.
TLC5960
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching time of output
tSW
S1 to S8, from 10% to 90% or 90% to 10%, CLOAD < 100pF
1.5
2
µs
current
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com