| Electronic Components Datasheet Search |
|
TLC5960DA Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5960DA Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 35 page ![]() CTRL1 G1 OFF EN G2 t SU0 t H0 t SW ON OFF ON OFF OFF ON t SW OFF ON OFF ON OFF OFF ON t WL0 t WH0 t SW t D ON t SW t D t D t WL1 t WH1 TLC5960 SBVS147 – SEPTEMBER 2010 www.ti.com FUNCTIONAL DESCRIPTION CONTROLLING THE EXTERNAL-FET GATE DRIVERS The eight-channel TLC5960 is equipped with eight external-FET gate drivers (one per channel) to drive FETs in series with the LED strings. In normal mode, a CTRL input enables/disables the corresponding two-channel drivers. That is, CTRL1 turns on the channel 1 (ch1) and ch2 gate drive outputs (G1 and G2) sequentially. A total of four parallel inputs (CTRL1 to CTRL4) are used to provide eight channels of PWM control. EN high enables this CTRLn PWM interface, and EN low shuts down all channels simultaneously. The control interface logic truth table is shown in Table 1. Table 1. Output Channel Control Truth Table (Normal Mode) EN CTRL1 CTRL2 CTRL3 CTRL4 OUTPUT STATUS Low X X X X All channels disabled Low Low Low Low All channels disabled High Low Low Low Ch1 (G1)/Ch2 (G2) enabled Low High Low Low Ch3 (G3)/Ch4 (G4) enabled High Low Low High Low Ch5 (G5)/Ch6 (G6) enabled Low Low Low High Ch7 (G7)/Ch8 (G8) enabled High High High High All channels enabled Figure 14 shows the on and off timing of the control input CTRL1 and the related gate driver outputs of ch1 and ch2. The TLC5960 integrates an internal phase shift function between the channels; therefore, the G1 and G2 outputs on-off timing have an internal unit delay time (tD). Refer to the Built-In Phase Shift and PWM Input Minimum On-Time Requirement section for more details. The EN signal polarity change, on the other hand, immediately applies to all channel outputs. Figure 14. Gate Driver On and Off Timing Sequence 12 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): TLC5960 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |