Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161M Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2161M
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161M Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2161M Datasheet HTML 4Page - Texas Instruments TLE2161M Datasheet HTML 5Page - Texas Instruments TLE2161M Datasheet HTML 6Page - Texas Instruments TLE2161M Datasheet HTML 7Page - Texas Instruments TLE2161M Datasheet HTML 8Page - Texas Instruments TLE2161M Datasheet HTML 9Page - Texas Instruments TLE2161M Datasheet HTML 10Page - Texas Instruments TLE2161M Datasheet HTML 11Page - Texas Instruments TLE2161M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC ± = ± 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2161I, TLE2161AI
TLE2161BI
UNIT
A
MIN
TYP
MAX
TLE2161I
25
°C
0.8
3.1
TLE2161I
Full range
4.4
VIO
Input offset voltage
TLE2161AI
25
°C
0.6
2.6
mV
VIO
Input offset voltage
TLE2161AI
Full range
3.9
mV
TLE2161BI
25
°C
0.5
1.9
TLE2161BI
Full range
2.7
αVIO
Temperature coefficient of input offset voltage
VIC = 0,
RS = 50 Ω
Full range
6
µV/°C
Input offset voltage long-term drift
(see Note 4)
25
°C
0.04
µV/mo
IIO
Input offset current
25
°C
1
pA
IIO
Input offset current
Full range
2
nA
IIB
Input bias current
25
°C
3
pA
IIB
Input bias current
Full range
4
nA
VICR
Common mode input voltage range
25
°C
– 1.6
to
4
–2
to
6
V
VICR
Common-mode input voltage range
Full range
– 1.6
to
4
V
RL =10kΩ
25
°C
3.5
3.7
VOM
Maximum positive peak output voltage
RL = 10 kΩ
Full range
3.1
V
VOM +
Maximum positive peak output voltage
RL = 100 Ω
25
°C
2.5
3.1
V
RL = 100 Ω
Full range
2
RL =10kΩ
25
°C
– 3.7
– 3.9
VOM
Maximum negative peak output voltage swing
RL = 10 kΩ
Full range
– 3.1
V
VOM –
Maximum negative peak output voltage swing
RL = 100 Ω
25
°C
– 2.5
– 2.7
V
RL = 100 Ω
Full range
–2
VO = ± 28 V
RL =10kΩ
25
°C
15
80
VO = ± 2.8 V,
RL = 10 kΩ
Full range
2
AVD
Large signal differential voltage amplification
VO = 0 to2V
RL = 100 Ω
25
°C
0.75
45
V/mV
AVD
Large-signal differential voltage amplification
VO = 0 to 2 V, RL = 100 Ω
Full range
0.5
V/mV
VO =0to 2 V
RL = 100 Ω
25
°C
0.5
3
VO = 0 to – 2 V, RL = 100 Ω
Full range
0.25
ri
Input resistance
25
°C
1012
Ω
ci
Input capacitance
25
°C
4
pF
zo
Open-loop output impedance
IO = 0
25
°C
280
Ω
CMRR
Common mode rejection ratio
VIC=VICRmin
RS =50 Ω
25
°C
65
82
dB
CMRR
Common-mode rejection ratio
VIC=VICRmin, RS = 50 Ω
Full range
65
dB
kSVR
Supply voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± = ±5 V to ± 15 V,
25
°C
75
93
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
CC
±
RS = 50 Ω
Full range
65
dB
ICC
Supply current
25
°C
280
325
µA
ICC
Supply current
VO =0
No load
Full range
350
µA
∆ICC
Supply-current change over operating
temperature range
VO = 0,
No load
Full range
29
µA
† Full range is – 40
°C to 85°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA= 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com