Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161M Datasheet(PDF) 13 Page - Texas Instruments

Part # TLE2161M
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161M Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2161M Datasheet HTML 9Page - Texas Instruments TLE2161M Datasheet HTML 10Page - Texas Instruments TLE2161M Datasheet HTML 11Page - Texas Instruments TLE2161M Datasheet HTML 12Page - Texas Instruments TLE2161M Datasheet HTML 13Page - Texas Instruments TLE2161M Datasheet HTML 14Page - Texas Instruments TLE2161M Datasheet HTML 15Page - Texas Instruments TLE2161M Datasheet HTML 16Page - Texas Instruments TLE2161M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC ± = ± 5 V (unless otherwise noted
continued)
PARAMETER
TEST CONDITIONS
TA†
TLE2161M
TLE2161AM
TLE2161BM
UNIT
MIN
TYP
MAX
ri
Input resistance
25
°C
1012
Ω
ci
Input capacitance
25
°C
4
pF
zo
Open-loop output impedance
IO = 0
25
°C
280
Ω
CMRR
Common mode rejection ratio
VIC =VICRmin
RS =50 Ω
25
°C
65
82
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin, RS = 50 Ω
Full range
60
dB
kSVR
Supply voltage rejection ratio (
∆VCC±/∆VIO)
VCC
± = ±5 V to ±15 V,
25
°C
75
93
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
CC
±
,
RS = 50 Ω
Full range
65
dB
ICC
Supply current
25
°C
280
325
µA
ICC
Supply current
VO =0
No load
Full range
350
µA
∆ICC
Supply-current change over operating
temperature range
VO = 0,
No load
Full range
39
µA
† Full range is – 55
°C to 125°C.
operating characteristics, VCC ± = ± 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLE2161M
TLE2161AM
TLE2161BM
UNIT
MIN
TYP
MAX
SR
Slew rate (see Figure 1)
AVD = 5,
RL = 10 kΩ,
CL = 100 pF
10
V/
µs
V
Equivalent input noise voltage (see Figure 2)
RS = 20 Ω,
f = 10 Hz
59
nV/
√H
Vn
Equivalent input noise voltage (see Figure 2)
RS = 20 Ω,
f = 1 kHz
43
nV/
√Hz
Vn(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
1.1
µV
In
Equivalent input noise current
f = 1 kHz
1
fA/
√Hz
THD
Total harmonic distortion
AVD = 5,
RL = 10 kΩ
VO(PP) = 2 V,
f = 10 kHz,
0.025%
Gain bandwidth product (see Figure 3)
f = 100 kHz,
RL = 10 kΩ,
CL = 100 pF
5.8
MHz
Gain-bandwidth product (see Figure 3)
f = 100 kHz,
RL = 600 kΩ,
CL = 100 pF
4.3
MHz
t
Settling time
ε = 0.1%
5
µs
ts
Settling time
ε = 0.01%
10
µs
BOM
Maximum output-swing bandwidth
AVD = 5,
RL = 10 kΩ
420
kHz
φ
Phase margin (see Figure 3)
AVD = 5,
RL = 10 kΩ,
CL = 100 pF
70
°
φm
Phase margin (see Figure 3)
AVD = 5,
RL = 600 Ω,
CL = 100 pF
84
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com