Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWR.A Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1570CPWR.A
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR.A Datasheet(HTML) 3 Page - Texas Instruments

  TLV1570CPWR.A Datasheet HTML 1Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 2Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 3Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 4Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 5Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 6Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 7Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 8Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
analog-to-digital converter
The TLV1570 ADC uses the SAR architecture described in this section. The CMOS threshold detector in the
successive-approximation conversion system determines the value of each bit by examining the charge on a
series of binary-weighted capacitors (see Figure 1). In the first phase of the conversion process, the analog input
is sampled by closing the SC switch and all ST switches simultaneously. This action charges all of the capacitors
to the input voltage.
SC
Threshold
Detector
Node 512
REF –
REF+
ST
512
VI
To Output
Latches
REF –
ST
REF+
REF –
ST
REF+
REF –
ST
REF+
REF –
ST
REF+
ST
REF+
REF –
ST
REF+
REF –
ST
1
1
2
4
8
128
256
REF –
NOTE: REF– is tied to AGND
Figure 1. Simplified Model of the Successive-Approximation System
In the next phase of the conversion process, all ST and SC switches are opened and the threshold detector
begins identifying bits by identifying the charge (voltage) on each capacitor relative to the reference (REF–)
voltage (REF– is tied to AGND). In the switching sequence, ten capacitors are examined separately until all ten
bits are identified and then the charge-convert sequence is repeated. In the first step of the conversion phase,
the threshold detector looks at the first capacitor (weight = 512). Node 512 of this capacitor is switched to the
REF+ voltage, and the equivalent nodes of all the other capacitors on the ladder are switched to REF–. If the
voltage at the summing node is greater than the trip point of the threshold detector (approximately one-half VCC),
a bit 0 is placed in the output register and the 512-weight capacitor is switched to REF–. If the voltage at the
summing node is less than the trip point of the threshold detector, a bit 1 is placed in the register and the
512-weight capacitor remains connected to REF+ through the remainder of the successive-approximation
process. The process is repeated for the 256-weight capacitor, the 128-weight capacitor, and so forth down the
line until all bits are counted.
With each step of the successive-approximation process, the initial charge is redistributed among the
capacitors. The conversion process relies on charge redistribution to count and weigh the bits from MSB to LSB.
In the case of the TLV1570, REF– is tied to ground and REF+ is connected to the REF input.
The TLV1570 can be programmed to use the on-chip internal reference (DI6=1). The user can select between
two values of internal reference, 2.3 V or 3.8 V, using the control bit DI5.
During internal reference mode, the reference voltage is not output on the REF pin. Therefore it cannot be
decoupled to analog ground (AGND), which acts as the negative reference for the ADC, using an external
capacitor. Hence this mode requires the ground noise to be very low. The REF pin can be left open in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com