Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570CPWR.A Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV1570CPWR.A
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1570CPWR.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1570CPWR.A Datasheet HTML 2Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 3Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 4Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 5Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 6Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 7Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 8Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 9Page - Texas Instruments TLV1570CPWR.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
initialization-software sequence
This sequence shows the default settings, unless otherwise specified. The ADC requires that the user write to
it every cycle. There is a cycle delay before control bits are implemented.
Example 1. Normal Sample Mode With Internal Reference
CYCLE
WRITE TO
SDIN
CHANNEL
SAMPLED
OUTPUT FROM
SDOUT
COMMENT
1st
0040h
N/A
Invalid
No analog input channel sampled
2nd
01C0h
N/A
Invalid
No analog input channel sampled
3rd
0040h
3
From Channel 3
4th
8040h
0
From Channel 0
Software power down enabled
5th
0040h
N/A
Invalid
Software power-down mode, no analog input channel sampled
Wait 800 ns
Recovery time, no analog input channel sampled (16 SCLKs if AVDD = 5 V and
fCLK = 20 MHz)
6th
0140h
N/A
Invalid
Recovery time, no analog input channel sampled
7th
0040h
2
From Channel 2
Example 2. Auto Scan Mode
CYCLE
WRITE TO
SDIN
CHANNEL
SAMPLED
OUTPUT FROM
SDOUT
COMMENT
1st
0480h
N/A
Invalid
Autoscan reset enabled, no analog input channel sampled
2nd
0480h
N/A
Invalid
No analog input channel sampled
3rd
0400h
0
From Channel 0
4th
0400h
1
From Channel 1
5th
0400h
2
From Channel 2
6th
0400h
3
From Channel 3
7th
0400h
4
From Channel 4
8th
0400h
5
From Channel 5
9th
0400h
6
From Channel 6
10th
0400h
7
From Channel 7
11th
0400h
0
From Channel 0
NOTE: If software power down is enabled during auto-scan mode, the next channel in the sequence is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com