Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS363 Datasheet(PDF) 25 Page - Texas Instruments

Part # SLAS363
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS363 Datasheet(HTML) 25 Page - Texas Instruments

Back Button SLAS363 Datasheet HTML 21Page - Texas Instruments SLAS363 Datasheet HTML 22Page - Texas Instruments SLAS363 Datasheet HTML 23Page - Texas Instruments SLAS363 Datasheet HTML 24Page - Texas Instruments SLAS363 Datasheet HTML 25Page - Texas Instruments SLAS363 Datasheet HTML 26Page - Texas Instruments SLAS363 Datasheet HTML 27Page - Texas Instruments SLAS363 Datasheet HTML 28Page - Texas Instruments SLAS363 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
3–13
SCLK
FS
DIN
DOUT
16-Bit DAC Data (Sample 1)
16-Bit ADC Data (Sample 1)
Slot Number 0
Slot Number 0
16-Bit DAC Data (Sample 2)
16-Bit ADC Data (Sample 2)
(Sample 3)
(Sample 3)
Data Frame
Data Frame
Figure 3–15. Standard Operation/Continuous Data Transfer Mode: Stand-Alone Timing
SCLK
FS
DIN/
DOUT
0
12
n–1
n–2
n–3
01
2
n–1
n–2
n–3
Master Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Master
Slave
n–2
Slave
n–3
Slave
2
Slave
1
Slave
0
Data Frame / Sample 1
NOTE: n is the total number of AIC15s in the cascade
16 SCLKs Per Time Slot
Data Frame / Sample 2
Slot
Number
Figure 3–16. Standard Operation/Continuous Data Transfer Mode: Master-Slave Cascade Timing
3.8.3
Turbo Mode (SCLK)
Setting TURBO = 1 (bit D7) in control register 2 enables the turbo mode that requires the following condition to be
met:
•
For master with SCLK as output, M
× N > #Devices × mode
Where:
M, N, and P are clock divider values defined in the control register 4.
#Device is the number of the device in cascade.
Mode is equal to 1 for continuous data transfer mode and 2 for programming mode.
•
For slave, SCLK is the input with max allowable speed of 25 MHz (no condition is required)
The turbo mode is useful for applications that require more bandwidth for multitasking processing per sampling
period. In the turbo mode (see Figure 3–17), the FSs frequency is always the device’s sampling frequency but the
SCLK is running at much higher speed than that described in Section 3.6.1. The output SCLK frequency is equal to
(MCLK/P) in master mode and up to a maximum speed of 25 MHz for both master and slave AIC15. The data/control
frame is still 16-SCLK long and the FS is one-SCLK pulse. Therefore, the DSP can maximize its data processing
bandwidth by taking advantage of time available between the end of AIC15s control frame and the next frame-sync
FS to process other tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com