Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS363 Datasheet(PDF) 29 Page - Texas Instruments

Part # SLAS363
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS363 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SLAS363 Datasheet HTML 25Page - Texas Instruments SLAS363 Datasheet HTML 26Page - Texas Instruments SLAS363 Datasheet HTML 27Page - Texas Instruments SLAS363 Datasheet HTML 28Page - Texas Instruments SLAS363 Datasheet HTML 29Page - Texas Instruments SLAS363 Datasheet HTML 30Page - Texas Instruments SLAS363 Datasheet HTML 31Page - Texas Instruments SLAS363 Datasheet HTML 32Page - Texas Instruments SLAS363 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
4–1
4 Control Register Content Description
4.1
Control Register 1
D7
D6
D5
D4
D3
D2
D1
D0
ADOVF
CX
IIR
DAOVF
BIASV
ALB
DLB
DAC16
R
R/W
R/W
R
R/W
R/W
R/W
R/W
NOTE: R = Read, W = Write
Table 4–1. Control Register 1 Bit Summary
BIT
NAME
RESET
VALUE
FUNCTION
D7
ADOVF
0
ADC over flow. This bit indicates whether the ADC is overflow.
ADOVF = 0 No overflow.
ADOVF = 1 A/D is overflow.
D6
CX
0
Continuous data transfer mode. This bit selects between programming mode and continuous data transfer
mode.
CX = 0
Programming mode.
CX = 1
Continuous data transfer mode.
D5
IIR
0
IIR Filter. This bit selects between FIR and IIR for decimation/interpolation low-pass filter.
IIR = 0
FIR filter is selected.
IIR = 1
IIR filter is selected.
D4
DAOVF
0
DAC over flow. This bit indicates whether the DAC is overflow
DAOVF = 0 No overflow.
DAOVF = 1 DAC is overflow
D3
BIASV
0
Bias voltage. This bit selects the output voltage for BIAS pin
BIASV = 0
BIAS pin = 2.35V
BIASV = 1
BIAS pin = 1.35V
D2
ALB
0
Analog loop back
DLB = 0
Analog loopback disabled
DLB = 1
Analog loopback enabled
D1
DLB
0
Digital loop back
DLB = 0
Digital loopback disabled
DLB = 1
Digital loopback enabled
D0
DAC16
0
DAC 16-bit data format. This bit applies to the continuous data transfer mode only to enable the 16-bit data
format for DAC input.
DAC16 = 0
DAC input data length is 15 bits. Writing a 1 to the LSB of the DAC input to switch from continuous
data transfer mode to programming mode.
DAC16 = 1
DAC input data length is 16 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com