Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4276 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4276
Description  Rote Punktlichtquelle Red Pointsource Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4276 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4276 Datasheet HTML 1Page - OSRAM GmbH SFH4276 Datasheet HTML 2Page - OSRAM GmbH SFH4276 Datasheet HTML 3Page - OSRAM GmbH SFH4276 Datasheet HTML 4Page - OSRAM GmbH SFH4276 Datasheet HTML 5Page - OSRAM GmbH SFH4276 Datasheet HTML 6Page - OSRAM GmbH SFH4276 Datasheet HTML 7Page - OSRAM GmbH SFH4276 Datasheet HTML 8Page - OSRAM GmbH SFH4276 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2008-01-14
3
SFH 4276
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 20 mA, tp = 20 ms
λ
peak
655
nm
Spektrale Bandbreite bei 50% von
I
max
Spectral bandwidth at 50% of
I
max
I
F = 20 mA
∆λ
16
nm
Abstrahlwinkel
Half angle
ϕ
± 60
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.019
mm
2
Durchesser der aktiven Chipfläche
Diameter of the active chip area
D
170
µm
Durchlaßspannung,
Forward voltage
I
F = 50 mA, tp = 20 ms
V
F
2.1 (
≤ 2.6)
V
Sperrstrom,
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 10)
µA
Gesamtstrahlungsfluß,
Total radiant flux
I
F = 50 mA, tp = 20 ms
Φ
e
3.5
mW
Temperaturkoeffizient von I
e bzw. Φe
Temperature coefficient of I
e or Φe
I
F = 50 mA
TC
I
-0.5
%/K
Temperaturkoeffizient von
V
F
Temperature coefficient of
V
F
I
F = 50 mA
TC
V
-2.5
mV/K
Temperaturkoeffizient von
λ
Temperature coefficient of
λ
I
F = 50 mA
TCλ
0.14
nm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com