Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4276 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4276
Description  Rote Punktlichtquelle Red Pointsource Emitter Lead (Pb) Free Product - RoHS Compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4276 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4276 Datasheet HTML 1Page - OSRAM GmbH SFH4276 Datasheet HTML 2Page - OSRAM GmbH SFH4276 Datasheet HTML 3Page - OSRAM GmbH SFH4276 Datasheet HTML 4Page - OSRAM GmbH SFH4276 Datasheet HTML 5Page - OSRAM GmbH SFH4276 Datasheet HTML 6Page - OSRAM GmbH SFH4276 Datasheet HTML 7Page - OSRAM GmbH SFH4276 Datasheet HTML 8Page - OSRAM GmbH SFH4276 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SFH 4276
2008-01-14
5
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF) single pulse, tp = 20 µs
Permissable Puls Handling
Capability
I
F = f (τ), TA = 25°C,
duty cycle D=parameter
600
0
nm
%
OHF02939
20
40
60
80
100
I
rel
λ
620
640
660
700
OHF02938
V
F
10
0
10
-4
F
I
A
1V
10
-3
10
-2
10
-1
5
5
5
1.5
2
2.5
3
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
DC
F
I
A
D
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF02942
T
t
P
I
F
0.1
0.2
0.3
0.4
0.6
0.5
Radiant Intensity
I
e/Ie(50 mA) = f (IF)
Radiation Characteristics
I
rel= f (ϕ)
Radiation Pattern
E
e rel = f (d) (5mm)
(d=pattern size at 5mm distance)
OHF02937
mA
-2
10
I
F
5
e
I
(50 mA)
e
I
-1
10
10
0
1
10
5
2
10
5
3
10
5
10
-1
5
0
10
1
10
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚
d
OHF02941
0
-6
20
40
60
80
%
100
-4
-2
0
2
4
6
mm
Max. Permissible Forward Current
I
F = f (TA)
(Farfield)
40
20
0
0
100
80
60
˚C
T
I
F
mA
OHF02940
A
10
20
30
40
50
60
70
thJA
R
= 300 K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com