Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC573 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC573
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC573 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC573 Datasheet HTML 1Page - Texas Instruments SN74LVC573 Datasheet HTML 2Page - Texas Instruments SN74LVC573 Datasheet HTML 3Page - Texas Instruments SN74LVC573 Datasheet HTML 4Page - Texas Instruments SN74LVC573 Datasheet HTML 5Page - Texas Instruments SN74LVC573 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN74LVC573
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS300A – JANUARY 1993 – REVISED NOVEMBER 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
t d
D
Q
1.5
4.2
8
1.5
9
ns
tpd
LE
Q
1.5
5
9
1.5
10
ns
ten
OE
Q
1.5
4
8.5
1.5
9.5
ns
tdis
OE
Q
1.5
3.7
7.5
1.5
8.5
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance
Outputs enabled
CL =50 pF
f=10MHz
20
pF
Cpd
Power dissipation capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
3.5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com