Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC573 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC573
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC573 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC573 Datasheet HTML 1Page - Texas Instruments SN74LVC573 Datasheet HTML 2Page - Texas Instruments SN74LVC573 Datasheet HTML 3Page - Texas Instruments SN74LVC573 Datasheet HTML 4Page - Texas Instruments SN74LVC573 Datasheet HTML 5Page - Texas Instruments SN74LVC573 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN74LVC573
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS300A – JANUARY 1993 – REVISED NOVEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• EPIC™ (Enhanced-Performance Implanted
CMOS ) Submicron Process
• Typical V
OLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical V
OHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages
description
This octal transparent D-type latch is designed for
2.7-V to 3.6-V VCC operation.
The SN74LVC573 features 3-state outputs designed specifically for driving highly capacitive or relatively
low-impedance loads. It is particularly suitable for implementing buffer registers, input/output (I/O) ports,
bidirectional bus drivers, and working registers.
While the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is taken low, the
Q outputs are latched at the logic levels at the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus
lines without the need for interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The SN74LVC573 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1D
2D
3D
4D
5D
6D
7D
8D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
LE
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC573A TI-SN74LVC573A Datasheet
127Kb / 9P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVC573A TI-SN74LVC573A Datasheet
1Mb / 28P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVC573A TI2-SN74LVC573A Datasheet
658Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED APRIL 2008
SN74LVC573A-EP TI1-SN74LVC573A-EP Datasheet
412Kb / 9P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-EP TI2-SN74LVC573A-EP Datasheet
658Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED APRIL 2008
More results

Similar Description - SN74LVC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com