Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9502 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor XC9502 Datasheet HTML 10Page - Torex Semiconductor XC9502 Datasheet HTML 11Page - Torex Semiconductor XC9502 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8/43
XC9502 Series
VOUT
(V)
RFB11
(kΩ)
RFB12
(kΩ)
CFB1
(pF)
VOUT
(V)
RFB11
(kΩ)
RFB12
(kΩ)
CFB1
(pF)
VOUT
(V)
RFB11
(kΩ)
RFB12
(kΩ)
CFB1
(pF)
1.0
30
270
430
2.5
390
220
33
8.0
120
15
100
1.5
220
330
62
2.7
360
180
33
12.0
160
13
82
1.8
220
220
62
3.0
560
240
24
-
-
-
-
2.0
330
270
39
3.3
200
75
62
-
-
-
-
2.2
390
270
33
5.0
82
18
160
-
-
-
-
<Setting of Output Voltage>
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based
on the values of RFB11 (RFB21) and RFB12 (RFB22). The sum of RFB11 (RFB21) and RFB12 (RFB22) should normally be 1MΩor
less.
VOUT=0.9
×(RFB11+RFB12) /RFB12
The value of CFB1 (CFB2), speed-up capacitor for phase compensation, should be fzfb= 1 / (2×π×CFB1×RFB11) which is
equal to 12kHz. Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and
value of load capacity (CL).
[Example of Calculation]
When RFB11=200k
Ω and RFB12=75kΩ, VOUT1=0.9×(200k+75k) / 75k=3.3V.
[Typical Example]
The same method can be also adopted for channel two (output 2).
[External Components]
Output 1 (Step-Up DC/DC controller)
Tr 1 :
* MOSFET
XP161A1355PR (N-ch Power MOSFET, TOREX)
Note: VGS Breakdown Voltage of this Tr. is 8V so
please be careful with the power supply voltage.
For 6V power supply voltage, XP161A1265PR
which
VGS
breakdown
voltage
is
12V
is
recommended. VST1 of XP161A1355PR is 1.2V
(MAX.) and that of XP161A1265PR is 1.5V (MAX.)
SD 1: MA2Q737 (Schottky, MATSUSHITA)
CMS02
(Schottky, TOSHIBA)
L 1:
10μH
(CDRH5D28, SUMIDA, FOSC = 500kHz)
15μH
(CDRH5D28, SUMIDA, FOSC = 300kHz)
22μH
(CDRH5D28, SUMIDA, FOSC = 180kHz)
CL1 : 16V, 47μF
(Tantalum)
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
C=(CL standard value)
×(IOUT1(mA)/300mA×VOUT1/VIN)
Tr :
* NPN MOSFET 2SD1628 (SANYO)
RB1 :
500Ω ( Adjust in accordance with load & Tr.'s HFE.)
Set according to the equation below:
RB1
≦ (VIN-0.7) x hFE / IC-REXTBH
CB1 :
2200pF (Ceramic)
Set according to the equation below:
CB1
≦ (2πx RB2 x FOSC x 0.7)
Output 2 (Step-Down DC/DC controller)
Tr 2 :
* MOSFET
XP162A12A6P (P-ch Power MOSFET, TOREX)
Note: VGS Breakdown Voltage of this Tr. is 12V
so please be careful with the power supply
voltage.
SD 2: MA2Q737
(Schottky, MATSUSHITA)
CMS02
(Schottky, TOSHIBA)
L 2:
10μH
(CDRH5D28, SUMIDA, FOSC = 500kHz)
22μH
(CDRH5D28, SUMIDA, FOSC = 300kHz)
47μH
(CDRH5D28, SUMIDA, FOSC = 180kHz)
CL1 : 16V, 47μF (Tantalum)
Increase capacity according to the equation below
when the step-up voltage ratio is large and output
current is high.
C=(CL standard value)
×(IOUT2 (mA)/500mA×VOUT2/VIN
Tr :
* PNP MOSFET 2SA1213 (SANYO)
RB1 :
500Ω ( Adjust in accordance with load & Tr.'s HFE.)
Set according to the equation below:
RB2
≦ (VIN-0.7) x hFE / IC-REXTBH
CB1 :
2200pF (Ceramic)
Set according to the equation below:
CB2
≦ (2πx RB2 x FOSC x 0.7)
■OPERATIONAL EXPLANATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com