Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9502 Datasheet(PDF) 40 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 40 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 35Page - Torex Semiconductor XC9502 Datasheet HTML 36Page - Torex Semiconductor XC9502 Datasheet HTML 37Page - Torex Semiconductor XC9502 Datasheet HTML 38Page - Torex Semiconductor XC9502 Datasheet HTML 39Page - Torex Semiconductor XC9502 Datasheet HTML 40Page - Torex Semiconductor XC9502 Datasheet HTML 41Page - Torex Semiconductor XC9502 Datasheet HTML 42Page - Torex Semiconductor XC9502 Datasheet HTML 43Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
40/43
XC9502 Series
<PWM Control ⇔ PWM/PFM Switching Control>
CH1
CH2
3.3V
0.65V
0V
400μsec/div
CH1: VOUT2, AC-COUPLED, 10mV/div
CH2: PWM2, 0.5V/div
<Soft Start Wave Form>
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=300mA, EN2 ’L’→’H’
CIN=47μF
CH1
CH2
200mA
3.3V
CH1: VOUT2, 2.0V/div
CH2: IIN2, 100mA/div
CH3: EN2, 0.5V/div
4ms/div
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=5mA, PWM2 ’L’→’H’
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=5mA, PWM2 ’H’→’L’
CH1
CH2
200μsec/div
CH1: VOUT2, AC-COUPLED, 20mV/div
CH2: PWM2, 0.5V/div
FOSC=300kHz, VOUT2=3.3V
VIN=5.0V, IOUT2=100mA, EN2 ’L’→’H’
CIN=47μF
CH1
CH2
4ms/div
3.3V
0.65V
0V
0.65V
CH3
CH1: VOUT2, 2.0V/div
CH2: IIN2, 50mA/div
CH3: EN2, 0.5V/div
* EN1=GND
75mA
3.3V
0.65V
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(26) Load Transient Response (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com