Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3556 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3556
Description  DIY HDMI Cable Parts - Straight Micro HDMI Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3556 Datasheet(HTML) 1 Page - Adafruit Industries

  3556 Datasheet HTML 1Page - Adafruit Industries 3556 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
DIY HDMI Cable Parts - Straight Micro
HDMI Plug Adapter
PRODUCT ID: 3556 
 
 
Description
If you love DIY cable‐rigging, then these HDMI adapters are right up your alley! Making custom HDMI 
cables has never been easier. Just grab one of our HDMI ribbon cables, then swap and switch any of our 
HDMI adapters on each end using the flex cable clips. There are options a‐plenty! 
This version is a straight Micro HDMI plug. 
Ribbon cable and other adapter not included! Check out all of the options we have in the shop to craft 
your very own custom cable. 
We tested out these DIY cable kits with a Raspberry Pi at 1080P and they worked great but note that 
they are not going to be as durable or shielded as ready‐made cables. 
 


Similar Part No. - 3556

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3556 VISHAY-3556 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Lumberg
3556 LUMBERG-3556 Datasheet
92Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
ebm-papst
3556 EBMPAPST-3556 Datasheet
423Kb / 1P
TUBEAXIAL
3556 EBMPAPST-3556 Datasheet
290Kb / 4P
AC axial compact fan
logo
Lumberg
3556 LUMBERG-3556 Datasheet
436Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 3556

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P570003MICRO TRIPPLITE-P570003MICRO Datasheet
483Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 3-ft
P570006MICRO TRIPPLITE-P570006MICRO Datasheet
483Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 6-ft
logo
Molex Electronics Ltd.
0687860007 MOLEX1-0687860007_18 Datasheet
32Kb / 1P
Micro HDMI Plug-to-HDMI Receptacle Adapter Cable, CAT 2, 32 AWG, 0.20m, Lead- Free
logo
Tripp Lite. All Rights ...
P570-003-MICRO TRIPPLITE-P570-003-MICRO Datasheet
158Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M/M), 3-ft.
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com