Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504B092DAL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9504B092DAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9504B092DAL Datasheet HTML 7Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 8Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 9Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 10Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 11Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 12Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 13Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 14Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
11/53
XC9504
Series
■NOTES ON USE (Continued)
●Hint on application
1. Channel 1 (Step-Up) How to shut down the output voltage during standby mode
If the circuit configuration shown as an example of typical application circuits is used, voltage VIN will occur at VOUT1 when
the IC is in standby, the diode being bypassed.
This can cause circuits connected to VOUT1 to malfunction.
> Example of typical application circuit 1:
Set R1 so as to prevent leakage current of N-ch MOSFET 2.
> Example of typical application circuit 2: Power Ready Function
The combination of R 2, C 1, and the threshold
voltage of approximately 0.7 V of NPN Bip 1 is
used to produce a delay time between the
circuits being enabled and P-ch MOSFET 1
being switched on.
Delay time set to 20ms
ensures power to be made ready in a favorable
manner, as soft start of this product is
completed during the delay time.
Set Value (Example)
VOLTAGE (V)
R2 (kΩ)
C1 (μF)
2.5
430
0.15
3.3
470
0.18
5.0
430
0.33
Time to make power ready is calculated by the equation below.
Time = - R2 x C1 x Ln (1 - 0.7 / [ON / OFF Signal Voltage ]
Set R1 so as to prevent leakage current of NPN (Bip 1).
N-ch MOSFET 2 and the inverter enables power to be turned off quickly.
2. Channel 2 (Inverting): Soft start circuit
Channel 2 (inverting) is subject to the overshoot of output voltage 2 (VOUT2) at start-up.
It is possible to control the
overshoot of output voltage 2 (VOUT2), as shown by circuit example 1 in “Output Voltage Settings for Channel 2” in
“Function Settings.” In this circuit configuration, EN 1 and EN 2 are enabled (set to “H” level) simultaneously.
This lets
output voltage 1 (VOUT1) of channel 1 increase gently as soft start, thereby controlling the overshoot.
> Example of typical application circuit: Improved Soft start
This example is effective when EN 1 and EN 2 are enabled with different timings under light load condition (the coil current
being discontinuous).
VOUT1
SBD1
FB1
EN1
Pch
MOSFET1
Inside of
XC9504 IC
RFB11
RFB12
CL1
CFB1
Nch
MOSFET2
ON/OFF
signal
R1
VOUT1
SBD1
FB1
EN1
Pch
MOSFET1
RFB11
RFB12
CFB1
CL1
R1
R2
C1
NPN
Bip1
Nch
MOSFET2
Inside of
XC9504 IC
ON/OFF
signal
SBD2
VOUT1
FB2
Inside of
XC9504 IC
RFB21
CFB21
VOUT2
CL2
RFB22
EN2
ON/OFF
signal
Pch
MOSFET1
R1
Nch
MOSFET2
Time to make soft start time is calculated by the equation below.
Timess2 = -RFB21
× CFB21 / Ln 1 –
Example)
When VOUT1 = 15V and VOUT2 = - 7.5V,
RFB21 = 59.6k
Ω, RFB22 = 100kΩ by the equation below.
VOUT2 = (0.9 - VOUT1) x (RFB21 / RFB22) + 0.9
When the light load, CFB21=0.1
μF or lower value can be used.
Therefore, when CFB21=0.027
μF,
Time_ss2 = 5.0ms and VOUT2 = 95% of setting value
(0.9-VOUT2)
×RFB22)
(VOUT1 – 0.9)
×RFB21)
3. Channel 2 (Inverting): Withstand voltage of transistor
The voltage applied between the drain and source is the sum of VIN and VOUT2.
Select a transistor with an absolute VDSS
rating that is suitable for your operating conditions. Example: The voltage applied across VDS of a transistor will be 20.0V if
VIN = 5.0 V and VOUT2 = -15.0 V. Under this condition, a transistor with VDSS higher than 20.0V should be selected.
(Use
a transistor with VDSS that is 1.5 times the applied voltage or more, as a standard.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com