Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504B092DAL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9504B092DAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9504B092DAL Datasheet HTML 2Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 3Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 4Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 5Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 6Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 7Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 8Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 9Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6/53
XC9504 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Voltage (*1)
VDD
2.0
-
10.0
V
-
VDD
≧2.0V, IOUT=1mA
VOUT1
0.9
-
-
VDD
≠VOUT
VOUT2
-
-
0.0
V
①
VIN
≧0.9V, IOUT=1mA (note 2)
VOUT1
2.0
-
10.0
Output Voltage Range (*3)
VOUTSET
VDD=VOUT
VOUT2
-
-
0.0
V
②
Supply Current 1
IDD1
FB=0V, FB2=1.2V
-
165
350
μA
③
EN1=3.0V, EN2=0, FB1=0V
Supply Current 1-1
IDD1-1
EN2=3.0V, EN1=0V, FB2=1.2V
-
110
220
μA
③
FB1=0V, FB2=0V
Supply Current 1-2
IDD1-2
FB1=1.2V, FB2=1.2V
-
130
270
μA
③
Supply Current 2
IDD2
FB1=1.2V, FB2=0V
-
100
200
μA
③
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
1.0
3.0
μA
③
Oscillation Frequency
FOSC
Same as IDD1
425
500
575
kHz
③
EN1, 2 "High" Voltage
VENH
FB1=0V, FB2=3.0V
0.65
-
-
V
③
EN1, 2 "Low" Voltage
VENL
FB1=0V, FB2=3.0V
-
-
0.20
V
③
EN1, 2 "High" Current
IENH
FB1=3.0V, FB2=0V
-
-
0.50
μA
③
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1=3.0V, FB2=0V
-
-
-0.50
μA
③
PWM1, 2 "High" Current
IPWMH
FB1=3.0V, FB2=0V, PWM1, 2=3.0V
-
-
0.50
μA
③
PWM1, 2 "Low" Current
IPWML
FB1=3.0V, FB2=0V, PWM1, 2=0V
-
-
-0.50
μA
③
FB1, 2 "High" Current
IFBH
FB1=3.0V, FB2=0.8V
-
-
0.50
μA
③
FB1, 2 "Low" Current
VFBL
FB1=1.0V, FB2=0V
-
-
-0.50
μA
③
Unless otherwise stated, VDD=3.0V, PWM1, 2=3.0V, EN1, 2 = 3.0V
XC9504B095A
Common Characteristics
Ta=25
℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB 1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
④
Using Tr: 2SD1628,
IOUT=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
-
-
0.9
V
②
Operating Start Voltage 1
(*2)
VST1-1
VDD
≠VOUT1 : IOUT1=10mA
-
-
2.0
V
①
Oscillation Start Voltage 1
VST2-1
FB1=0V
-
-
0.8
V
③
Maximum Duty Ratio 1
MINDTY1
Same as IDD1
75
80
87
%
③
Minimum Duty Ratio 1
MAXDTY2
Same as IDD2
-
-
0
%
③
PFM Duty Ratio 1
PFMDTY1
No Load, VPWM1=0V
22
30
38
%
⑤
Efficiency 1
EFFI1
IOUT1= 130mA, N-ch MOSFET: XP161A1355P
-
83
-
%
⑤
Soft-Start Time 1
TSS1
VOUT1
×0.95V, EN1=0V→0.65V
5.0
10.0
20.0
ms
⑤
EXT1 "High" ON Resistance
REXTBH1
FB1=0V, EXT1=VDD -0.4V
-
28
47
Ω
⑥
EXT1 "Low" ON Resistance
REXTBL1
EN1=FB1=1.2V, EXT1=0.4V
-
22
30
Ω
⑥
PWM1 "High" Voltage
VPWMH1
No Load
0.65
-
-
V
⑤
PWM1 "Low" Voltage
VPWML1
No Load
-
-
0.20
V
⑤
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 1 Characteristics
Step-Up Controller
Ta=25
℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS TEST CIRCUIT
FB 2 Voltage
VFB2
VDD=3.0V
0.882
0.900
0.918
V
③
IOUT2=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
Operating Start Voltage 2
VST1-2
RFB21=17.5k
Ω, RFB22=10kΩ,
EN1=PWM1=3.0V
-
-
2.0
V
①②
Oscillation Start Voltage 2
VST2-2
FB2=1.2V
-
-
2.0
V
③
Maximum Duty Ratio 2
MAXDTY2
Same as IDD1
75
80
87
%
③
Minimum Duty Ratio 2
MINDTY2
Same as IDD2
-
-
0
%
③
PFM Duty Ratio 2
PFMDTY2
No Load, VPWM2=0V
22
30
38
%
⑦
Efficiency 2
(*4)
EFFI2
IOUT2= -150mA, P-ch MOSFET: XP162A12A6P
-
71
-
%
⑦
EXT2 "High" ON Resistance
REXTBH2
EN2=FB2= 0V, EXT2=VDD-0.4V
-
28
47
Ω
⑥
EXT2 "Low" ON Resistance
REXTBL2
FB2=3.0V, EXT2=0.4V
-
22
30
Ω
⑥
PWM2 "High" Voltage
VPWMH2
No Load
0.65
-
-
V
⑦
PWM2 "Low" Voltage
VPWML2
No Load
-
-
0.20
V
⑦
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=3.0V
Output 2 Characteristics
Inverting DC/DC Controller
Ta=25
℃
■ELECTRICAL CHARACTERISTICS (Continued)
(FOSC = 500kHz)
(FOSC = 500kHz)
(FOSC = 500kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com