Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2702IP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2702IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2702IP Datasheet(HTML) 4 Page - Texas Instruments

  TLV2702IP Datasheet HTML 1Page - Texas Instruments TLV2702IP Datasheet HTML 2Page - Texas Instruments TLV2702IP Datasheet HTML 3Page - Texas Instruments TLV2702IP Datasheet HTML 4Page - Texas Instruments TLV2702IP Datasheet HTML 5Page - Texas Instruments TLV2702IP Datasheet HTML 6Page - Texas Instruments TLV2702IP Datasheet HTML 7Page - Texas Instruments TLV2702IP Datasheet HTML 8Page - Texas Instruments TLV2702IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
4
www.ti.com
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted)
amplifier dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
25
°C
390
4000
V
VIO
Input offset voltage
VO = VCC/2 V, VIC = VCC/2 V, RS = 50 Ω
Full range
6000
µV
αVIO
Offset voltage draft
VO VCC/2 V, VIC VCC/2 V, RS 50 Ω
25
°C
3
µV/°C
V2 7 V
25
°C
55
73
VCC = 2.7 V
Full range
52
CMRR
Common mode rejection ratio
V
0 to V
R
50
Ω
V5 V
25
°C
60
80
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VCC, RS = 50 Ω
VCC = 5 V
Full range
55
dB
V15 V
25
°C
66
90
VCC = 15 V
Full range
60
V
2 7V
V
1 5V
R
500 k
Ω
25
°C
130
400
VCC = 2.7 V, VO(pp) = 1.5 V, RL = 500 kΩ
Full range
30
A
Large-signal differential voltage
V
5 V
V
3 V
R
500 k
Ω
25
°C
300
1000
V/mV
AVD
Large signal differential voltage
amplification
VCC = 5 V,
VO(pp) = 3 V, RL = 500 kΩ
Full range
100
V/mV
V
15 V
V
8 V R
500 k
Ω
25
°C
400
1800
VCC = 15 V,
VO(pp) = 8 V, RL = 500 kΩ
Full range
120
V
2 7to5V
25
°C
90
120
PSRR
Power supply rejection ratio
V
V
/2 V
No load
VCC = 2.7 to 5 V
Full range
85
dB
PSRR
Power su
ly rejection ratio
(
∆VCC/∆VIO)
VIC = VCC/2 V, No load
V
5 to 15 V
25
°C
94
120
dB
CC
IO
VCC = 5 to 15 V
Full range
90
† Full range is –40
°C to 125°C.
amplifier and comparator input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
25
250
IIO
Input offset current
0 to 70
°C
300
pA
IIO
In ut offset current
VO = VCC/2 V, VIC = VCC/2 V
Full range
700
A
VO = VCC/2 V, VIC = VCC/2 V
RS = 50 Ω
25
°C
100
500
IIB
Input bias current
S
0 to 70
°C
550
pA
IIB
In ut bias current
Full range
1700
A
ri(d)
Differential input resistance
25
°C
300
M
Ω
Ci(c)
Common-mode input capacitance
f = 100 kHz
25
°C
3
pF
† Full range is –40
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com