Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2702IP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2702IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2702IP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2702IP Datasheet HTML 2Page - Texas Instruments TLV2702IP Datasheet HTML 3Page - Texas Instruments TLV2702IP Datasheet HTML 4Page - Texas Instruments TLV2702IP Datasheet HTML 5Page - Texas Instruments TLV2702IP Datasheet HTML 6Page - Texas Instruments TLV2702IP Datasheet HTML 7Page - Texas Instruments TLV2702IP Datasheet HTML 8Page - Texas Instruments TLV2702IP Datasheet HTML 9Page - Texas Instruments TLV2702IP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
6
www.ti.com
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
comparator dc performance
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
25
°C
250
5000
V
VIO
Input offset voltage
VIC= VCC/2,
RS = 50 Ω
Full range
7000
µV
αVIO
Offset voltage drift
VIC VCC/2,
RS 50 Ω
25
°C
3
µV/°C
V2 7 V
25
°C
55
72
VCC = 2.7 V
Full range
50
CMRR
Common mode rejection ratio
VIC= 0 to VCC,
V5 V
25
°C
60
76
dB
CMRR
Common-mode rejection ratio
VIC= 0 to VCC,
RS = 50 Ω
VCC = 5 V
Full range
55
dB
S
V15 V
25
°C
65
88
VCC = 15 V
Full range
60
AVD
Large-signal differential voltage
amplification
25
°C
1000
V/mV
V
2 7to5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC = 2.7 to 5 V
Full range
70
dB
PSRR
Power su
ly rejection ratio
(
∆VCC/∆VIO)
VIC = VCC/2 V,
No load
VCC =5to15V
25
°C
85
105
dB
CC
IO
VCC = 5 to 15 V
Full range
80
† Full range is –40
°C to 125°C.
comparator output characteristics
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
ri(d)
Differential input resistance
25
°C
300
M
Ω
V
High level output voltage
VIC = VCC/2,
IOL = –50 µA,
25
°C
VCC–320
mV
VOH
High-level output voltage
VIC = VCC/2,
IOL = 50 µA,
VID = 1 V
Full range
VCC–450
mV
VOL
Low level output voltage
VIC = VCC/2,
IOL = 50 µA,
25
°C
80
200
mV
VOL
Low-level output voltage
VIC = VCC/2,
IOL = 50 µA,
VID = –1 V
Full range
300
mV
† Full range is –40
°C to 125°C.
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Pti
ti
l
t
Overdrive = 2 mV
240
t(PLH)
Propagation response time, low-to-
high-level output
f=10kHz
Overdrive = 10 mV
25
°C
64
t(PLH)
high-level output
f = 10 kHz,
VSTEP = 100 mV,
Overdrive = 50 mV
25 C
36
s
Pti
ti
hi h t
VSTEP = 100 mV,
CL = 10 pF,
V2 7 V
Overdrive = 2 mV
167
µs
t(PHL)
Propagation response time, high-to-
low-level output
L
VCC = 2.7 V
Overdrive = 10 mV
25
°C
67
t(PHL)
low-level output
Overdrive = 50 mV
25 C
37
tr
Rise time
CL = 10 pF,
VCC = 2.7 V
25
°C
7
µs
tf
Fall time
CL = 10 pF,
VCC = 2.7 V
25
°C
9
µs
NOTE: The propagation response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
Propagation responses are longer at higher supply voltages, refer to Figure 18 through Figure 36 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com