Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5619CPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV5619CPWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV5619CPWR Datasheet HTML 1Page - Texas Instruments TLV5619CPWR Datasheet HTML 2Page - Texas Instruments TLV5619CPWR Datasheet HTML 3Page - Texas Instruments TLV5619CPWR Datasheet HTML 4Page - Texas Instruments TLV5619CPWR Datasheet HTML 5Page - Texas Instruments TLV5619CPWR Datasheet HTML 6Page - Texas Instruments TLV5619CPWR Datasheet HTML 7Page - Texas Instruments TLV5619CPWR Datasheet HTML 8Page - Texas Instruments TLV5619CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage (VDD to GND)
7 V
Analog input voltage range
- 0.3 V to VDD + 0.3 V
Reference input voltage
VDD + 0.3 V
Digital input voltage range to GND
- 0.3 V to VDD + 0.3 V
Operating free-air temperature range, TA
TLV5619C
0
°C to 70°C
TLV5619I
-40
°C to 85°C
TLV5619Q
-40
°C to 125°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage, VDD (5-V Supply)
4.5
5
5.5
V
Supply voltage, VDD (3-V Supply)
2.7
3
3.3
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
V
Low-level digital input voltage, VIL
TLV5619C and TLV5619I
1
DVDD = 5.5 V
TLV5619Q
0.8
Reference voltage, Vref to REFIN terminal (5-V Supply)
0
2.048
VDD-1.5
V
Reference voltage, Vref to REFIN terminal (3-V Supply)
0
1.024
VDD-1.5
V
Load resistance, RL
2
10
k
Ω
Load capacitance, CL
100
pF
TLV5619C
0
70
Operating free-air temperature, TA
TLV5619I
40
85
°C
TLV5619Q
40
125
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com