Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5619CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV5619CPWR
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLV5619CPWR Datasheet HTML 1Page - Texas Instruments TLV5619CPWR Datasheet HTML 2Page - Texas Instruments TLV5619CPWR Datasheet HTML 3Page - Texas Instruments TLV5619CPWR Datasheet HTML 4Page - Texas Instruments TLV5619CPWR Datasheet HTML 5Page - Texas Instruments TLV5619CPWR Datasheet HTML 6Page - Texas Instruments TLV5619CPWR Datasheet HTML 7Page - Texas Instruments TLV5619CPWR Datasheet HTML 8Page - Texas Instruments TLV5619CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D1
D0
CS
WE
LDAC
PD
GND
OUT
REFIN
VDD
DW OR PW PACKAGE
(TOP VIEW)
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
•
Single Supply 2.7-V to 5.5-V Operation
The TLV5619 is a 12-bit voltage output DAC with a
microprocessor and TMS320 compatible parallel
•
± 0.4 LSB Differential Nonlinearity (DNL),
interface. The 12 data bits are double buffered so that
±1.5 LSB Integral Nonlinearity (INL)
the output can be updated asynchronously using the
•
12-Bit Parallel Interface
LDAC pin. During normal operation, the device dissi-
•
Compatible With TMS320 DSP
pates 8 mW at a 5-V supply and 4.3 mW at a 3-V
supply. The power consumption can be lowered to 50
•
Internal Power On Reset
nW by setting the DAC to power-down mode.
•
Settling Time 1 µs Typ
The output voltage is buffered by a
×2 gain rail-to-rail
•
Low Power Consumption:
amplifier, which features a Class A output stage to
– 8 mW for 5-V Supply
improve stability and reduce settling time.
– 4.3 mW for 3-V Supply
•
Reference Input Buffers
•
Voltage Output
•
Monotonic Over Temperature
•
Asynchronous Update
•
Battery Powered Test Instruments
•
Digital Offset and Gain Adjustment
•
Battery Operated/Remote Industrial Controls
•
Machine and Motion Control Devices
•
Cordless and Wireless Telephones
•
Speech Synthesis
AVAILABLE OPTIONS
•
Communication Modulators
•
Arbitrary Waveform Generation
PACKAGE
SMALL
TA
TSSOP (PW)
OUTLINE (DW)
0
°C to 70°C
TLV5619CDW
TLV5619CPW
40
°C to 85°C
TLV5619IDW
TLV5619IPW
40
°C to 125°C
TLV5619QDW
—
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5619CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5619CPWR TI1-TLV5619CPWR Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5619CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com