Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP400 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP400
Description  ±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP400 Datasheet(HTML) 2 Page - Texas Instruments

  TMP400 Datasheet HTML 1Page - Texas Instruments TMP400 Datasheet HTML 2Page - Texas Instruments TMP400 Datasheet HTML 3Page - Texas Instruments TMP400 Datasheet HTML 4Page - Texas Instruments TMP400 Datasheet HTML 5Page - Texas Instruments TMP400 Datasheet HTML 6Page - Texas Instruments TMP400 Datasheet HTML 7Page - Texas Instruments TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
STBY
SCL
NC
SDA
ALERT
A0
NC
NC
V+
D+
D-
NC
A1
GND
GND
TMP400
TMP400
SBOS404 – DECEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP400
QSSOP-16
DBQ
TMP400
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
TMP400
UNIT
Power Supply, VS
7
V
Input Voltage, pins 3, 4, 6, 10, and 15 only
–0.5 to VS + 0.5
V
Input Voltage, pins 11, 12, and 14 only
–0.5 to +7
V
Input Current
10
mA
Operating Temperature Range
–55 to +127
°C
Storage Temperature Range
–60 to +130
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
TERMINAL FUNCTIONS
PIN
NAME
DESCRIPTION
QSSOP-16
Top View
1, 5, 9,
NC
No internal connection
13, 16
2
V+
Positive supply (2.7V to 5.5V)
Positive connection to remote temperature
3
D+
sensor
Negative connection to remote temperature
4
D–
sensor
6
A1
Address pin
7, 8
GND
Ground
10
A0
Address pin
Alert, active low, open-drain; requires pull-up
11
ALERT
resistor to V+
Serial data line for SMBus, open-drain;
12
SDA
requires pull-up resistor to V+
Serial clock line for SMBus, open-drain;
14
SCL
requires pull-up resistor to V+
15
STBY
Standby pin
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com