Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP400 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP400
Description  ±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP400 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP400 Datasheet HTML 8Page - Texas Instruments TMP400 Datasheet HTML 9Page - Texas Instruments TMP400 Datasheet HTML 10Page - Texas Instruments TMP400 Datasheet HTML 11Page - Texas Instruments TMP400 Datasheet HTML 12Page - Texas Instruments TMP400 Datasheet HTML 13Page - Texas Instruments TMP400 Datasheet HTML 14Page - Texas Instruments TMP400 Datasheet HTML 15Page - Texas Instruments TMP400 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
MINIMUM AND MAXIMUM REGISTERS
SOFTWARE RESET
TMP400
SBOS404 – DECEMBER 2007
The
n-correction
value
must
be
stored
in
The Local Temperature Maximum Register may be
two’s-complement format, yielding an effective data
read by reading the high byte from pointer address
range from –128 to +127. The n-correction value may
32h and the low byte from pointer address 33h. The
be written to and read from pointer address 18h. The
Local Temperature Maximum Register may also be
register power-on reset value is 00h; thus, the
read by using a two-byte read command from pointer
register has no effect unless written to. The n-factor
address 32h. The Local Temperature Maximum
range is shown in Table 7.
Register is reset at power-on by executing the chip
reset command, or by writing any value to any of
Table 7. N-Factor Range
pointer addresses 30h through 37h. The reset value
for these registers is 80h/00h.
NADJUST
The Remote Temperature Minimum Register may be
BINARY
HEX
DECIMAL
N
read by reading the high byte from pointer address
01111111
7F
127
1.747977
34h and the low byte from pointer address 35h. The
00001010
0A
10
1.042759
Remote Temperature Minimum Register may also be
00001000
08
8
1.035616
read by using a two-byte read command from pointer
00000110
06
6
1.028571
address 34h. The Remote Temperature Minimum
Register is reset at power-on by executing the chip
00000100
04
4
1.021622
reset command, or by writing any value to any of
00000010
02
2
1.014765
pointer addresses 30h through 37h. The reset value
00000001
01
1
1.011371
for these registers is 7Fh/F0h.
00000000
00
0
1.008
The Remote Temperature Maximum Register may be
11111111
FF
–1
1.004651
read by reading the high byte from pointer address
11111110
FE
–2
1.001325
36h and the low byte from pointer address 37h. The
11111100
FC
–4
0.994737
Remote Temperature Maximum Register may also be
11111010
FA
–6
0.988235
read by using a two-byte read command from pointer
address 36h. The Remote Temperature Maximum
11111000
F8
–8
0.981818
Register is reset at power-on by executing the chip
11110110
F6
–10
0.975484
reset command, or by writing any value to any of
10000000
80
–128
0.706542
pointer addresses 30h through 37h. The reset value
for these registers is 80h/00h.
The TMP400 stores the minimum and maximum
temperatures measured since power-on, chip-reset,
The TMP400 may be reset by writing any value to
or minimum and maximum register reset for both the
Pointer Register FCh. A reset restores the power-on
local and remote channels. The Local Temperature
reset state to all of the TMP400 registers as well as
Minimum Register may be read by reading the high
aborts any conversion in process and clears the
byte from pointer address 30h and the low byte from
ALERT pin.
pointer
address
31h.
The
Local
Temperature
The TMP400 also supports reset via the Two-Wire
Minimum Register may also be read by using a
general
call
address
(00000000).
The
TMP400
two-byte read command from pointer address 30h.
acknowledges the general call address and responds
The Local Temperature Minimum Register is reset at
to the second byte. If the second byte is 00000110,
power-on, by executing the chip-reset command, or
the TMP400 latches the status of the address pins
by writing any value to any of pointer addresses 30h
and executes a software reset. A 500
µs time delay
through 37h. The reset value for these registers is
must be observed after a general-call command. The
7Fh/F0h.
TMP400 takes no action in response to other values
in the second byte.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TMP400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com