Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2623AMMX
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2623AMMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2623AMMX Datasheet HTML 1Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 2Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 3Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 4Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 5Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 6Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 7Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 8Page - National Semiconductor (TI) LM2623AMMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2623
General Purpose, Gated Oscillator Based, DC/DC Boost
Converter
General Description
The LM2623 is a high efficiency, general purpose, step-up
DC-DC switching regulator for battery-powered and low in-
put voltage systems. It accepts an input voltage between .8
and 14 volts and converts it into a regulated output voltage
between 1.24 and 14 volts. Efficiencies up to 90% are
achievable with the LM2623.
In order to adapt to a number of applications, the LM2623
allows the designer to vary the output voltage, the operating
frequency (300kHz to 2 MHz) and duty cycle (17% to 90%)
to optimize the part’s performance. The selected values can
be fixed or can vary with battery voltage or input to output
voltage ratio. The LM2623 uses a very simple, on/off regu-
lation mode to produce good efficiency and stable operation
over a wide operating range. It normally regulates by skip-
ping switching cycles when it reaches the regulation limit
(Pulse Frequency Modulation).
Note: Please read the "Non-Linear Effect" and "Choosing
The Correct C3 Capacitor" sub-sections of the Design Pro-
cedure section of this data sheet, so that any challenges with
designing with this part can be taken into account before a
board design/layout is finalized.
For Alternative Solutions, See Also: LM2700, LM2622,
LM2731, LM2733, and LM2621.
Features
n
Good Efficiency Over a Very Wide Load Range
n
Very Low Output Voltage Ripple
n
Small, Mini-SO-8 Package (Half the Footprint of
Standard 8 pin SO Package)
n
1.09 mm Package Height
n
Up to 2 MHz Switching Frequency
n
.8V to 14V Operating Voltage
n
1.1V Start-up Voltage
n
1.24V - 14V Adjustable Output Voltage
n
Up to 2A Load Current at low Output Voltages
n
0.17
Ω Internal MOSFET
n
Up to 90% Regulator Efficiency
n
80 µA Typical Operating Current (into V
DD pin of supply)
n <
2.5µA Guaranteed Supply Current In Shutdown
n
4mm x 4mm Thermally Enhanced LLP Package Option
Applications
n
Cameras, Pagers and Cell Phones
n
PDAs,Palmtop Computers, GPS devices
n
White LED Drive, TFT or Scanned LCDs
n
Flash Memory Programming
n
Hand-Held Instruments
n
1, 2, 3 or 4 Cell Alkaline Systems
n
1, 2 or 3 Cell Lithium-ion Systems
Typical Application Circuit
20038801
January 2004
© 2004 National Semiconductor Corporation
DS200388
www.national.com


Similar Part No. - LM2623AMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2623AMMX NSC-LM2623AMMX Datasheet
216Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623AMMX NSC-LM2623AMMX Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMMX TI-LM2623AMMX Datasheet
936Kb / 16P
LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623AMMX/NOPB TI-LM2623AMMX/NOPB Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623AMMX/NOPB TI2-LM2623AMMX/NOPB Datasheet
989Kb / 23P
LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
REVISED OCTOBER 2017
More results

Similar Description - LM2623AMMX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
GENERAL PURPOSE DC-DC CONVERTER
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
General Purpose Multifunction DC/DC Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
LM2623-Q1 TI1-LM2623-Q1 Datasheet
428Kb / 20P
Automotive Gated-Oscillator-Based DC-DC Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com