Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZBL Datasheet(PDF) 2 Page - Hengstler GmbH

Part # ZBL
Description  With Magnetic Actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

ZBL Datasheet(HTML) 2 Page - Hengstler GmbH

  ZBL Datasheet HTML 1Page - Hengstler GmbH ZBL Datasheet HTML 2Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E N C O D E R S C O U N T E R S C O N T R O L L E R S I N D I C A T O R S R E L A Y S P R I N T E R S C U T T E R S
Technical data
TECHNICAL DATA
6 or 7-digit, depending on verison
y
a
l
p
s
i
D
Digit height
4 mm, visual
Operating temperature
- 10 ... + 50 °C
Storage temperature
- 40 ... + 60 °C
n
o
i
s
r
e
v
n
o
g
n
i
d
n
e
p
e
d
g
n
it
n
u
o
M
Mounting position
any
Protection class (DIN 4050)
IP 65
Vibrostability
20 m/s2 (10...150 Hz) acc. to IEC 068-2-6
Shock stability
2.000 m/s2 (3 ms) acc. to IEC 068-2-27
Maintenance-free operation
10 million increments
n
o
l
o
r
k
a
M
e
s
a
C
g
2
1
.
x
o
r
p
p
a
t
h
g
i
e
W
Counting mode
adding
s
t
e
n
g
a
m
t
n
e
n
a
m
r
e
p
l
a
n
o
it
n
e
v
n
o
c
h
ti
w
n
o
it
a
u
t
c
A
Actuating distance
Fe-version 0.5 mm
N and S magnets see order information
Response flux density
> 10 mT (100 Gauss)
Release flux density
< 4 mT (40 Gauss)
Actuating speed
2 m/s
Counting frequency max.
20 digits/s
e
n
o
n
t
e
s
e
R
DIMENSIONS
Dimensions in mm
ORDER INFORMATION
Actuating magnets (North pole)
Colibri 490
Ordering code
Ordering code
Ordering code
Counter without attachment
North pole
South pole
Fe
accessories
6-digit
0 490 001
0 490 002
0 490 003
7-digit
0 490 004
0 490 005
0 490 006
Attachment plates
ZBO
ZBL
ZBH
2 490 011
2 490 012
2 490 005
Hose clamps
20 … 32 mm
25 … 40 mm
40 … 60 mm
3 515 055
3 515 056*
3 515 057
Distance 10 mm
Distance 30 mm
Magnetic plate 6 mm
3 532 023
3 532 024*
3 532 025*
* on request
Accessories
3D CAD models are available on request.
With a ZBH Plate
Counter with accessories
6-digit
0 490 061 includes: 2 490 011 + 2 490 012 + 2 490 005
0 490 021 includes: 2 490 005 + 3 532 023
North pole
11.05.22 / RJA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com