Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZBL Datasheet(PDF) 1 Page - Hengstler GmbH

Part # ZBL
Description  With Magnetic Actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HENGSTLER [Hengstler GmbH]
Direct Link  https://www.hengstler.de/en/
Logo HENGSTLER - Hengstler GmbH

ZBL Datasheet(HTML) 1 Page - Hengstler GmbH

  ZBL Datasheet HTML 1Page - Hengstler GmbH ZBL Datasheet HTML 2Page - Hengstler GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
With Magnetic Actuator
E N C O D E R S C O U N T E R S C O N T R O L L E R S I N D I C A T O R S R E L A Y S P R I N T E R S C U T T E R S
Colibri 490
Contactless counting
Miniature size
Simple installation
Protection class IP 65
Maintenance-free operation
MAGNETIC ACTUATION
The counter is actuated by a magnetic field. With suitable magnets it is possible
to achieve actuating distances of up to 50 mm. The direction of approach of the
actuating magnet is not critical. When choosing a counter, it is important to
observe the correct polarity of the actuator (see Figure).
ACTUATING MAGNETS
We supply suitable magnets for actua-
ting this counter.
For mounting the magnet via its center
hole only screws made of non-magnetic
material may be used.
DIMENSIONS OF ACTUATING
MAGNETS
Ordering code
D
d
H
3 532 023
15.2 mm
3.2 mm
6 mm
3 532 024
31.0 mm
5.3 mm
15 mm
Fe = Iron (magnet in
counter)
ATTACHMENT
ZOB = Counter without attachment plate
ZBO = Counter with attachment plate top
ZBL = Counter with attachment plate left
ZBH = Counter with attachment plate
behind
e
F
S
ZBL
Hose clamp mounting
ZBH
N
S = Permanent magnet
South pole
N = Permanent magnet
North pole
"Colibri" is available for several means of attachment:
N
Actuating
magnet
ZBO
11.05.22 / RJA


Similar Part No. - ZBL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBL1 SCHNEIDER-ZBL1 Datasheet
124Kb / 2P
white cap unmarked for circular projecting pushbutton 횠22
Nov 1, 2021
ZBL4 SCHNEIDER-ZBL4 Datasheet
130Kb / 2P
red cap unmarked for circular projecting pushbutton 횠22
Nov 1, 2021
More results

Similar Description - ZBL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A44E1 SHARP-GP1A44E1 Datasheet
39Kb / 3P
Transmissive Type Photointerrupter with Actuator
GP1S44S1 SHARP-GP1S44S1 Datasheet
38Kb / 3P
Transmissive Type Photointerrupter with Actuator
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
Magnetic Magnetic
logo
Pepperl+Fuchs Inc.
41FR2 PF-41FR2 Datasheet
285Kb / 1P
Magnetic actuator
51FY7 PF-51FY7 Datasheet
199Kb / 1P
Magnetic actuator
52FR1 PF-52FR1 Datasheet
197Kb / 1P
Magnetic actuator
52FY11 PF-52FY11 Datasheet
210Kb / 1P
Magnetic actuator
52FY31-V4A PF-52FY31-V4A Datasheet
215Kb / 1P
Magnetic actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com