Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M08CKC Datasheet(PDF) 4 Page - Texas Instruments

Part # UA78M08CKC
Description  POSITIVE-VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M08CKC Datasheet(HTML) 4 Page - Texas Instruments

  UA78M08CKC Datasheet HTML 1Page - Texas Instruments UA78M08CKC Datasheet HTML 2Page - Texas Instruments UA78M08CKC Datasheet HTML 3Page - Texas Instruments UA78M08CKC Datasheet HTML 4Page - Texas Instruments UA78M08CKC Datasheet HTML 5Page - Texas Instruments UA78M08CKC Datasheet HTML 6Page - Texas Instruments UA78M08CKC Datasheet HTML 7Page - Texas Instruments UA78M08CKC Datasheet HTML 8Page - Texas Instruments UA78M08CKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059P – JUNE 1976 – REVISED OCTOBER 2005
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage
35
V
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JP
(2)
θ
JC
θ
JA
PowerFLEX/TO-252 – KTP
High K, JESD 51-5
1.4
°C/W
19
°C/W
28
°C/W
SOT-223 – DCY
High K, JESD 51-7
30.6
°C/W
53
°C/W
TO-220 – KC/KCS
High K, JESD 51-5
3
°C/W
17
°C/W
19
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX,
θ
JP is defined as the thermal resistance between
the die junction and the bottom of the exposed pad.
MIN
MAX
UNIT
µA78M33
5.3
25
µA78M05
7
25
µA78M06
8
25
µA78M08
10.5
25
VI
Input voltage
V
µA78M09
11.5
26
µA78M10
12.5
28
µA78M12
14.5
30
µA78M15
17.5
30
IO
Output current
500
mA
µA78MxxC
0
125
TJ
Operating virtual junction temperature
°C
µA78MxxI
–40
125
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com