Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M08CKC Datasheet(PDF) 5 Page - Texas Instruments

Part # UA78M08CKC
Description  POSITIVE-VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M08CKC Datasheet(HTML) 5 Page - Texas Instruments

  UA78M08CKC Datasheet HTML 1Page - Texas Instruments UA78M08CKC Datasheet HTML 2Page - Texas Instruments UA78M08CKC Datasheet HTML 3Page - Texas Instruments UA78M08CKC Datasheet HTML 4Page - Texas Instruments UA78M08CKC Datasheet HTML 5Page - Texas Instruments UA78M08CKC Datasheet HTML 6Page - Texas Instruments UA78M08CKC Datasheet HTML 7Page - Texas Instruments UA78M08CKC Datasheet HTML 8Page - Texas Instruments UA78M08CKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059P – JUNE 1976 – REVISED OCTOBER 2005
at specified virtual junction temperature, V
I = 8 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M33C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
3.2
3.3
3.4
IO = 5 mA to 350 mA,
Output voltage(2)
V
VI = 8 V to 20 V
TJ = 0°C to 125°C
3.1
3.3
3.5
VI = 5.3 V to 25 V
9
100
Input voltage regulation
IO = 200 mA
mV
VI = 8 V to 25 V
3
50
IO = 100 mA, TJ = 0°C to 125°C
62
VI = 8 V to 18 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
62
80
Output voltage regulation
VI = 8 V,
IO = 5 mA to 500 mA
20
100
mV
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
IO = 200 mA, VI = 8 V to 25 V, TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output current
VI = 35 V
300
mA
Peak output current
700
mA
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
(2)
This specification applies only for dc power dissipation permitted by absolute maximum ratings
at specified virtual junction temperature, V
I = 10 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M05C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
4.8
5
5.2
IO = 5 mA to 350 mA,
Output voltage
V
VI = 7 V to 20 V
TJ = 0°C to 125°C
4.75
5.25
VI = 7 V to 25 V
3
100
Input voltage regulation
IO = 200 mA
mV
VI = 8 V to 25 V
1
50
IO = 100 mA, TJ = 0°C to 125°C
62
VI = 8 V to 18 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
62
80
IO = 5 mA to 500 mA
20
100
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
50
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
IO = 200 mA, VI = 8 V to 25 V, TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output current
VI = 35 V
300
mA
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com