Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3003D2PFB Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 2Page - Texas Instruments TPA3003D2PFB Datasheet HTML 3Page - Texas Instruments TPA3003D2PFB Datasheet HTML 4Page - Texas Instruments TPA3003D2PFB Datasheet HTML 5Page - Texas Instruments TPA3003D2PFB Datasheet HTML 6Page - Texas Instruments TPA3003D2PFB Datasheet HTML 7Page - Texas Instruments TPA3003D2PFB Datasheet HTML 8Page - Texas Instruments TPA3003D2PFB Datasheet HTML 9Page - Texas Instruments TPA3003D2PFB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
6
www.ti.com
dc characteristics, TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Output offset voltage (measured
differentially)
INN and INP connected together,
Gain = 36 dB
10
65
mV
V2P5 (terminal 4)
2.5-V Bias voltage
No load
0.45x
AVDD
0.5x
AVDD
0.55x
AVDD
V
PSRR
Power supply rejection ratio
VCC = 11.5 V to 12.5 V
−80
dB
ICC
Supply quiescent current
MUTE = 2 V, SD = 2 V
16
28.5
mA
ICC(MUTE)
MUTE mode quiescent current
MUTE = 3.5 V, SD = 2 V
7
9
mA
ICC(max power)
Supply current at max power
RL = 8 Ω, PO = 3 W
0.6
A
ICC(SD)
Supply current in shutdown mode
SD = 0.8 V
1
10
µA
VCC = 12 V,
High side
600
700
rds(on)
Drain-source on-state resistance
VCC = 12 V,
IO = 1 A,
T = 25 C
Low side
600
700
m
Ω
rds(on)
Drain-source on-state resistance
IO = 1 A,
TJ = 25°C
Total
1200
1400
m
ac characteristics, TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
kSVR
Supply ripple rejection ratio
VCC = 11.5 V to 12.5 V from 10 Hz
to 1 kHz, Gain = 36 dB
−67
dB
PO(max)
Maximum continuous output power
THD+N = 1%, f = 1 kHz, RL = 8 Ω
3
W
PO(max)
Maximum continuous output power
THD+N = 10%, f = 1 kHz, RL = 8 Ω
3.75
W
Vn
Output integrated noise floor
20 Hz to 22 kHz, No weighting filter,
Gain = 0.5 dB
−82
dBV
Crosstalk, Left
→ Right
Gain = 13.2 dB, PO = 1 W, RL = 8 Ω
−77
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 0.5%,
f= 1 kHz, Gain = 0.5 dB
102
dB
Thermal trip point
150
°C
Thermal hystersis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com