Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3003D2PFB Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 5Page - Texas Instruments TPA3003D2PFB Datasheet HTML 6Page - Texas Instruments TPA3003D2PFB Datasheet HTML 7Page - Texas Instruments TPA3003D2PFB Datasheet HTML 8Page - Texas Instruments TPA3003D2PFB Datasheet HTML 9Page - Texas Instruments TPA3003D2PFB Datasheet HTML 10Page - Texas Instruments TPA3003D2PFB Datasheet HTML 11Page - Texas Instruments TPA3003D2PFB Datasheet HTML 12Page - Texas Instruments TPA3003D2PFB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
PO − Output Power − W
EFFICIENCY
vs
OUTPUT POWER
VCC = 12 V, RL = 8 Ω
VCC = 8.5 V, RL = 8 Ω
LC Filter
Resistive Load
Figure 2
0
1
2
3
4
5
6
7
8
8
9
10
11
12
13
14
15
16
Thermally Limited
OUTPUT POWER
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
VCC = 8.5 V,
THD = 1%
VCC = 8.5 V,
THD = 10%
VCC = 12 V,
THD = 1%
VCC = 12 V,
THD = 10%
Figure 3
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
1
2
3
4
5
6
8.5
9
10
11
12
13
14
Thermally Limited
8
Ω, THD = 10%
8
Ω, THD = 1%
Figure 4
10
11
12
13
14
15
16
17
18
8.5
9
1011
1213
14
QUIESCENT SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com