Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2472CDGNG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV2472CDGNG4
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2472CDGNG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2472CDGNG4 Datasheet HTML 14Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 15Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 16Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 17Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 18Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 19Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 20Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 21Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
www.ti.com
DIE
Side View (a)
End View (b)
Bottom View (c)
DIE
Thermal
Pad
P
D
+
T
MAX
* TA
q
JA
(1)
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
The thermal pad is electrically isolated from all terminals in the package.
Figure 46. Views of Thermally Enhanced DGN Package
Although there are many ways to properly heatsink the PowerPAD package, the following steps illustrate the
recommended approach.
1. The thermal pad must be connected to the most negative supply voltage on the device (GND pin).
2. Prepare the PCB with a top side etch pattern as illustrated in the thermal land pattern mechanical drawing
at the end of this document. There should be etch for the leads as well as etch for the thermal pad.
3. Place holes in the area of the thermal pad as illustrated in the land pattern mechanical drawing at the end
of this document. These holes should be 13mils (0.013 inches or 0.3302mm) in diameter. Keep them
small so that solder wicking through the holes is not a problem during reflow.
4. Additional vias may be placed anywhere along the thermal plane outside of the thermal pad area. This
helps dissipate the heat generated by the TLV247x IC. These additional vias may be larger than the 13mil
diameter vias directly under the thermal pad. They can be larger because they are not in the thermal pad
area to be soldered so that wicking is not a problem.
5. Connect all holes to the internal ground plane that is at the same voltage potential as the device GND pin.
6. When connecting these holes to the ground plane, do not use the typical web or spoke via connection
methodology. Web connections have a high thermal resistance connection that is useful for slowing the
heat transfer during soldering operations. This makes the soldering of vias that have plane connections
easier. In this application, however, low thermal resistance is desired for the most efficient heat transfer.
Therefore, the holes under the TLV247x PowerPAD package should make their connection to the internal
ground plane with a complete connection around the entire circumference of the plated-through hole.
7. The top-side solder mask should leave the terminals of the package and the thermal pad area with its
holes exposed. The bottom-side solder mask should cover the holes of the thermal pad area. This
prevents solder from being pulled away from the thermal pad area during the reflow process.
8. Apply solder paste to the exposed thermal pad area and all of the IC terminals.
9. With these preparatory steps in place, the TLV247x IC is simply placed in position and run through the
solder reflow operation as any standard surface-mount component. This results in a part that is properly
installed.
For a given
θJA, the maximum power dissipation is shown in Figure 47 and is calculated by Equation 1:
Where:
• P
D = Maximum power dissipation of TLV247x IC (watts)
• T
MAX = Absolute maximum junction temperature (+150°C)
• T
A = Free-ambient air temperature (°C)
• θ
JA = θJC + θCA
–
θJC = Thermal coefficient from junction to case
–
θCA = Thermal coefficient from case to ambient air (°C/W)
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com