Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2472CDGNG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2472CDGNG4
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2472CDGNG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2472CDGNG4 Datasheet HTML 16Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 17Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 18Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 19Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 20Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 21Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 22Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 23Page - Texas Instruments TLV2472CDGNG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
www.ti.com
100
80
40
0
0
0.25
0.50
0.75
140
180
1.00
1.25
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
1.50
Safe Operating Area
VDD = ±3V
TJ = +150°C
TA = +125°C
A
B
C
Packages With
θJA ≤ 110°C/W
at TA = +125°C
or
θJA ≤ 355°C/W
at TA = +70°C
100
80
40
0
0
0.5
1.0
1.5
140
180
2.0
2.5
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
Safe Operating Area
VDD = ± 5V
TJ = +150°C
TA = +125°C
Packages With
θJA ≤ 210°C/W
at TA = +70°C
A
B
C
G
100
80
40
0
0
0.25
0.50
0.75
140
180
1.00
1.25
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
1.50
C
Safe Operating Area
VDD = ± 3V
TJ = +150°C
TA = +125°C
Packages With
θJA ≤ 55°C/W
at TA = +125°C
or
θJA ≤ 178°C/W
at TA = +70°C
D
G
H
100
80
40
0
0
0.5
1.0
1.5
140
180
2.0
2.5
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
Safe Operating Area
VDD = ± 5V
TJ = +150°C
TA = +125°C
Packages With
θJA ≤ 105°C/W
at TA = +70°C
H
D
C
G
F
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
TLV2470, TLV2471(1)
TLV2470, TLV2471(1)
MAXIMUM RMS OUTPUT CURRENT
MAXIMUM RMS OUTPUT CURRENT
vs
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Figure 48.
Figure 49.
TLV2472, TLV2473(1)
TLV2472, TLV2473(1)
MAXIMUM RMS OUTPUT CURRENT
MAXIMUM RMS OUTPUT CURRENT
vs
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Figure 50.
Figure 51.
Note: (1) A - SOT23 (5); B - SOT23 (6); C - SOIC (8); D - SOIC (14); E - SOIC (16); F - MSOP PP (8); G - PDIP
(8); H - PDIP (14): I - PDIP (16); J - TSSOP PP (14/16)
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com