Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1001LF Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # IP1001LF
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001LF Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button IP1001LF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
IP1001 LF
Data Sheet
38/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.13
PHY Specific Control & Status Register (Reg16)
Bit
Name
Description
Type
HW
Reset
SW
Reset
16.0
RXPHASE_SEL This bit is used to adjust RX clock phase at
GMII/ RGMII interface
0: No intentional delay is added on RX_CLK
1: An intentional delay is added on RX_CLK
(about 2ns delay in 1000BASE-T, and about
4ns delay in 100BASE-TX and 10BASE-T).
(Pin 48 sets the default value of this bit)
RW
Pin 48 NA
16.1
TXPHASE_SEL
This bit is used to adjust TX clock phase at
GMII/ RGMII interface
0: No intentional delay is added on
GTX_CLK/ TXC
1: An intentional delay is added on
GTX_CLK/ TXC
(about 2ns delay in 1000BASE-T, and about
4ns delay in 100BASE-TX and 10BASE-T)
Pin 49 sets the default value of this bit.
RW
Pin 49 NA
16.2
Repeater Mode
1 = Enable repeater mode
0 = Disable repeater mode
RW
0
NA
16[4:3]
Reserved
01
NA
16[6:5]
RXCLK_DRIVE[1:0]
These 2 bits are used to adjust driving
current of RX_CLK.
I/F
2’b00
2’b01
2’b10
2’b11
MII
2mA
4mA
8mA
2mA
GMII/
RGMII
(10/100)
2mA
4mA
8mA
2mA
GMII/
RGMII
(1000)
4mA
8mA
12mA
2mA
RW
10
NA
16[8:7]
RXD_DRIVE[1:0] These 2 bits are used to adjust driving
current of RXD[7:0], RX_ER, and RX_DV.
The driving current of RXD[3:0] and RX_DV
I/F
2’b00
2’b01
2’b10
2’b11
MII
2mA
4mA
8mA
2mA
GMII/
RGMII
(10/100)
2mA
4mA
8mA
2mA
GMII/
RGMII
(1000)
4mA
8mA
12mA
2mA
The driving current of RXD[7:4] and RX_ER
I/F
2’b00
2’b01
2’b10
2’b11
MII
2mA
4mA
8mA
2mA
GMII
(10/100)
2mA
4mA
8mA
2mA
GMII
(1000)
4mA
8mA
12mA
2mA
RGMII
(10/100)
2mA
2mA
2mA
2mA
RGMII
(1000)
4mA
2mA
12mA
2mA
RW
10
NA
16.9
Jabber
1 = Enable Jabber
RW
1
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com