Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1001LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP1001LF
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP1001LF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
IP1001 LF
Data Sheet
Integrated 10/100/1000 Gigabit Ethernet Transceiver
Features
General Description
IEEE 802.3 compliant 1000BASE-T,
100BASE-TX, and 10BASE-T
Support auto-negotiation
Support timing programmable MII/ GMII/
RGMII (delay clock, and driving current etc.)
Support 3 power saving modes
Support software based Smart Cable Analyzer
(SCA)
Support auto MDI/MDIX (auto negotiation or
force mode)
Support auto polarity correction
Supports programmable LED modes and LED
driving current
Supports speed down shift feature
Built in synchronization FIFO to support jumbo
frame size up to 10KB in giga mode (4KB in
10M/100M mode)
Supports 2.1v and 1.2v built-in regulator
control
Provide a 125MHz free running clock
Operating voltage 3.3v/ (2.5v option for
RGMII)/ 1.8v/ 1.2v
64-pin QFN lead-free package
Supports Lead Free package (Please refer to
the Order Information)
IP1001 is an integrated physical layer device for
1000BASE-T, 100BASE-TX, and 10BASE-T
applications. IP1001 supports MII, GMII and
RGMII for different types of 10/100/1000Mb Media
Access Controller (MAC). It supports Auto
MDI/MDIX function to simplify the network
installation and reduce the system maintenance
cost. IP1001 supports speed down shift feature for
a poor link quality to guarantee data transmission.
Cable analysis function “SCA” is supported by
programming MII registers of IP1001 through
MDC/MDIO.
IP1001 supports 2 types of power saving modes;
i.e., power down mode defined in IEEE802.3, and
APS (auto power saving).
RGMII/ GMII/ MII
TP-MDI
Physical Layer Device
Network Medium
IP1001
IP1001
Magnetic
Magnetic
NIC/
Switch
NIC/
Switch
MAC Device
RJ45
RJ45
10BASE-T
100BASE-TX
1000BASE-T
Dec. 18, 2007
1/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06


Similar Part No. - IP1001LF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1001 IRF-IP1001 Datasheet
507Kb / 18P
Full Function Synchronous Buck Power Block
More results

Similar Description - IP1001LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR Datasheet
1Mb / 59P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR_08 Datasheet
1Mb / 59P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com