Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178CHLF Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP178CHLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CHLF Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP178CHLF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
32/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
2.1
Flow control
IP178C/IP178CH jams or pauses a port, which causes output queue over the threshold. Its link partner
will defer transmission after detecting the jam or pause frame. A port of IP178C/IP178CH defers
transmission when it receives a jam or a pause frame.
IP178C/IP178CH issues pause control frame (Pause On, time slot count = 0xffff) to remote station when the
output queue of the destination port is higher than high water mark threshold. When the output queue of
the destination port is lower than low water mark threshold, IP178C/IP178CH issues pause control frame
(Pause Off, time slot count = 0) to restart transmition. Besides, IP178C/IP178CH provides an additional
protect function, when it issues continuous 16 times of Pause ON frame (network abnormal), no more Pause
ON frame will be send.
When CoS is enabled, IP178C/IP178CH may disable the flow control function for a short term to
guarantee the bandwidth of high priority packets. A port disables its flow control function for 2 ~ 3
seconds when it receives a high priority packet. It doesn’t transmit pause frame or jam pattern during the
period but it still responses to pause frame or jam pattern.
The flow control function can be enabled by pulling up pin 75 X_EN or by programming MII register
30.1.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com