Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP178CHLF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP178CHLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CHLF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP178CHLF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
1/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
8 Port 10/100 Ethernet Integrated Switch
Features
General Description
Support 1k MAC address
512k bits packet buffer memory
Support auto-polarity for 10 Mbps
Support filter/ forward special DA option
Support broadcast storm protection
Auto MDI-MDIX option
Support port security option to lock the first
MAC address
Support one MII/RMII port, which works at 100
Mbps full duplex for router application
Support port base VLAN & tag VLAN
Support CoS
Support SMART MAC function
Support spanning tree protocol
Support max forwarding packet length 1552/
1536 bytes option
Support 8-level bandwidth control
Support SCA
Support two fiber ports with far end fault
function for IP178CH only
Built in linear regulator control circuit
Support Lead Free package (Please refer to
the Order Information)
Note – some features need CPU support, please
refer to the detail description inside this data sheet
IP178C/IP178CH
integrates
a
9-port
switch
controller,
SSRAM,
and
8
10/100
Ethernet
transceivers. Each of the transceivers complies
with the IEEE802.3, IEEE802.3u, and IEEE802.3x
specifications. The transceivers are designed in
DSP approach in 0.18um technology; they have
high noise immunity and robust performance.
IP178C/IP178CH operates in store and forward
mode. It supports flow control, auto MDI/MDI-X,
CoS, port base VLAN, bandwidth control, DiffServ,
SMART MAC and LED functions, etc. Each port
can be configured as auto-negotiation or forced 10
Mbps/100 Mbps, full/half duplex mode. Using an
EEPROM or pull up/down resistors on specific
pins can configure the desired options.
Besides
an
8-port
switch
application,
IP178C/IP178CH supports one MII/RMII ports for
router application, which supports 7 LAN ports and
one WAN port. The external MAC can monitor or
configure IP178C/IP178CH by accessing MII
registers through SMI.
MII/RMII port also can be configured to be MAC
mode. It is used to interface an external PHY to
work as an 8+1 switch.
IP178CH supports two fiber ports with far end fault
function.


Similar Part No. - IP178CHLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178CHLF ETC1-IP178CHLF Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP178CHLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9208M ETC1-TC9208M Datasheet
1Mb / 53P
8-Port 10/100/1000 Smart Ethernet Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
8 Port Unmanaged Ethernet Switch 10/100
SW-508 BLACKBOX-SW-508 Datasheet
992Kb / 4P
Industrial 8 Port Ethernet Switch 10/100
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com