Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8113 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 8113
Description  USB to 4 Isolated Inputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8113 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  8113 Datasheet HTML 1Page - Sealevel Systems, Inc. 8113 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 4 Isolated Inputs Digital Interface Adapter
Control and monitor four optically isolated inputs via any USB connection with the 8113. Inputs can range from 5-30VDC and provide
3500VDC (2500VAC RMS) isolation to ground. Status LEDS display I/O activity and field wiring is simplified via 3.5mm removable
terminal blocks.
The SeaMAX software suite supports the SeaDAC Lite family and is designed to work with third party applications via the SeaMAX
API. Sealevel’s SeaMAX software drivers and utilities make installation and operation easy using Windows and Linux operating
systems.
The 8113 integrates Sealevel’s SeaLATCH locking USB port, which is fully compatible with standard USB cables. When used with the
included USB cable with a SeaLATCH USB type B connector, the metal thumbscrew provides a secure connection to the device and
prevents accidental cable disconnection.
SeaDAC Lite modules are housed in a rugged, attractive plastic enclosure ideal for mounting on walls, under counters, or inside
panels. The 8113 is USB bus powered, so no external power supply is needed. Standard operating temperature range of SeaDAC
modules is 0C to +70C and extended temperature range (-40C to +85C) is optional.
Part: 8113 | Model: SeaDAC Lite ISO-4
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 8113

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8113 KEYSTONE-8113 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Sealevel Systems, Inc.
8113-KT SEALEVEL-8113-KT Datasheet
753Kb / 2P
USB to 4 Isolated Inputs Digital Interface Adapter
logo
Bourns Electronic Solut...
8113-RC BOURNS-8113-RC Datasheet
103Kb / 1P
Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
logo
FIBOX Enclosing innovat...
8113020 FIBOX-8113020 Datasheet
66Kb / 2P
Cabinet, PC, Smoked transparent door
11.01.2023
8113025 FIBOX-8113025 Datasheet
61Kb / 2P
Cabinet, PC, Smoked transparent door
11.01.2023
More results

Similar Description - 8113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8115HL PHILIPS-SAA8115HL Datasheet
177Kb / 56P
Digital camera USB interface
2000 Jan 27
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
IC-Haus GmbH
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
MB5U ICHAUS-MB5U Datasheet
2Mb / 7P
High Performance isolated BiSS to PC Adapter (USB)
logo
Maxim Integrated Produc...
SC-USB-SPI-PICO MAXIM-SC-USB-SPI-PICO Datasheet
489Kb / 2P
USB-to-SPI Interface Adapter for SC1905 and SC1894
Rev 0; 12/18
logo
Pepperl+Fuchs Inc.
K-ADP-USB PF-K-ADP-USB Datasheet
805Kb / 2P
Adapter with USB Interface
S-ADP-USB PF-S-ADP-USB Datasheet
507Kb / 2P
Adapter with USB Interface
2020-09-23
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB-COMI-SI-M COOLGEAR-USB-COMI-SI-M Datasheet
124Kb / 3P
USB to Optical Adapter Industrial Isolated RS-422/485
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com