Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWM-R30881ABB Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # KWM-R30881ABB
Description  3.0*3.0mm (1.2") 8×8 Blue Dot Matrix LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-R30881ABB Datasheet(HTML) 3 Page - Lucky Light Electronic

  KWM-R30881ABB Datasheet HTML 1Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 2Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 3Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 4Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 5Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Luckylight
Spec No: W12088A/B
Rev No: V.2
Date: April/01/2009
Page: 3 OF 6
Approved:JoJo
Checked:Wu
Drawn: Sun
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Package Dimension:
L u c k y l i g h t
KWM-R30881XXX
KWM-R30881ABB
KWM-R30881CBB
ROW
1
COL. 1
PIN
2
4
3
5
7
6
1
12
8
14
9
2
7
NO.
13
3
4
10
6
PIN
NO.
23
4
5
67
8
11
15
16
8 5
8 5
7 2
6 7
5 1
4 12
3 8
2 14
1 9
8
7
6
5
4
3
2
1
COL.
ROW
NO.
PIN
13
PIN
NO.
3
6
410
11
15
16
NOTES: All dimensions are in millimeters (inches) tolerance are ±0.25mm (0.01inch) unless
otherwise noted.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com