Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWM-R30881ABB Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # KWM-R30881ABB
Description  3.0*3.0mm (1.2") 8×8 Blue Dot Matrix LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-R30881ABB Datasheet(HTML) 5 Page - Lucky Light Electronic

  KWM-R30881ABB Datasheet HTML 1Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 2Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 3Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 4Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 5Page - Lucky Light Electronic KWM-R30881ABB Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Luckylight
Spec No: W12088A/B
Rev No: V.2
Date: April/01/2009
Page: 5 OF 6
Approved:JoJo
Checked:Wu
Drawn: Sun
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Luminous Intensity &
Ambient Temperature
1
1000
-60
Ambient Temperature Ta (
)
℃
100
10
-40 -20 0 20 40 60 80 100
Luminous Intensity & Forward Current
1
1000
10
Forward Current IF (mA)
100
10
0
10
1
10
2
10
3
Forward Current Derating Curve
0
0
10
20
30
40
50
Ambient Temperature Ta (
)
℃
25
f=1KHz
Duty=1/10
Ta=25℃
20
40
60
80
100
Forward Current & Forward Voltage
Ta=25℃
2.8
0
10
20
30
40
50
3.03.2
3.43.6
Forward Voltage VF (V)
Spectrum Distribution
Ta=25℃
0
400
100
300
500
600
700
800
Wavelength λp (nm)
75
50
25
2.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com