Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S101 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC082S101
Description  ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC082S101 Datasheet HTML 17Page - Texas Instruments ADC082S101 Datasheet HTML 18Page - Texas Instruments ADC082S101 Datasheet HTML 19Page - Texas Instruments ADC082S101 Datasheet HTML 20Page - Texas Instruments ADC082S101 Datasheet HTML 21Page - Texas Instruments ADC082S101 Datasheet HTML 22Page - Texas Instruments ADC082S101 Datasheet HTML 23Page - Texas Instruments ADC082S101 Datasheet HTML 24Page - Texas Instruments ADC082S101 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
ADC082S051
www.ti.com
SNAS263F – NOVEMBER 2004 – REVISED MARCH 2013
Power Management
When the ADC082S051 is operated continuously in normal mode, the maximum throughput is fSCLK/16.
Throughput may be traded for power consumption by running fSCLK at its maximum 8 MHz and performing fewer
conversions per unit time, putting the ADC082S051 into shutdown mode between conversions. A plot of typical
power consumption versus throughput is shown in the Typical Performance Characteristics section. To calculate
the power consumption for a given throughput, multiply the fraction of time spent in the normal mode by the
normal mode power consumption and add the fraction of time spent in shutdown mode multiplied by the
shutdown mode power consumption. Generally, the user will put the part into normal mode and then put the part
back into shutdown mode. Note that the curve of power consumption vs. throughput is nearly linear. This is
because the power consumption in the shutdown mode is so small that it can be ignored for all practical
purposes.
Power Supply Noise Considerations
The charging of any output load capacitance requires current from the power supply, VA. The current pulses
required from the supply to charge the output capacitance will cause voltage variations on the supply. If these
variations are large enough, they could degrade SNR and SINAD performance of the ADC. Furthermore,
discharging the output capacitance when the digital output goes from a logic high to a logic low will dump current
into the die substrate, which is resistive. Load discharge currents will cause "ground bounce" noise in the
substrate that will degrade noise performance if that current is large enough. The larger is the output
capacitance, the more current flows through the die substrate and the greater is the noise coupled into the
analog channel, degrading noise performance.
To keep noise out of the power supply, keep the output load capacitance as small as practical. If the load
capacitance is greater than 50 pF, use a 100
Ω series resistor at the ADC output, located as close to the ADC
output pin as practical. This will limit the charge and discharge current of the output capacitance and maintain
noise performance.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC082S051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com