Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S101 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC082S101
Description  ADC082S051 2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC082S101 Datasheet HTML 9Page - Texas Instruments ADC082S101 Datasheet HTML 10Page - Texas Instruments ADC082S101 Datasheet HTML 11Page - Texas Instruments ADC082S101 Datasheet HTML 12Page - Texas Instruments ADC082S101 Datasheet HTML 13Page - Texas Instruments ADC082S101 Datasheet HTML 14Page - Texas Instruments ADC082S101 Datasheet HTML 15Page - Texas Instruments ADC082S101 Datasheet HTML 16Page - Texas Instruments ADC082S101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ADC082S051
www.ti.com
SNAS263F – NOVEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 200 ksps to 500 ksps, fSCLK = 3.2 MHz to 8 MHz, fIN = 40.2 kHz unless otherwise stated.
SNR vs. Input Frequency
THD vs. Input Frequency
Figure 24.
Figure 25.
SNR vs. Temperature
THD vs. Temperature
Figure 26.
Figure 27.
SFDR vs. Supply
SINAD vs. Supply
Figure 28.
Figure 29.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC082S051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com