Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S021 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC082S021
Description  ADC082S101 2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S021 Datasheet(HTML) 2 Page - Texas Instruments

  ADC082S021 Datasheet HTML 1Page - Texas Instruments ADC082S021 Datasheet HTML 2Page - Texas Instruments ADC082S021 Datasheet HTML 3Page - Texas Instruments ADC082S021 Datasheet HTML 4Page - Texas Instruments ADC082S021 Datasheet HTML 5Page - Texas Instruments ADC082S021 Datasheet HTML 6Page - Texas Instruments ADC082S021 Datasheet HTML 7Page - Texas Instruments ADC082S021 Datasheet HTML 8Page - Texas Instruments ADC082S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IN1
IN2
MUX
T/H
SCLK
VA
GND
CS
DIN
DOUT
CONTROL
LOGIC
8-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
ADC082S101
SNAS288D – APRIL 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS and EQUIVALENT CIRCUITS
Pin No.
Symbol
Description
ANALOG I/O
5, 4
IN1 and IN2
Analog inputs. These signals can range from 0V to VA.
DIGITAL I/O
8
SCLK
Digital clock input. This clock directly controls the conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on falling edges of the
7
DOUT
SCLK pin.
Digital data input. The ADC082S101's Control Register is loaded through this pin on rising
6
DIN
edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins. Conversions continue
1
CS
as long as CS is held low.
POWER SUPPLY
Positive supply pin. This pin should be connected to a quiet +2.7V to +5.25V source and
2
VA
bypassed to GND with a 1 µF capacitor and a 0.1 µF monolithic capacitor located within 1
cm of the power pin.
3
GND
The ground return for the die.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC082S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com