Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC082S021 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC082S021
Description  ADC082S101 2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC082S021 Datasheet(HTML) 3 Page - Texas Instruments

  ADC082S021 Datasheet HTML 1Page - Texas Instruments ADC082S021 Datasheet HTML 2Page - Texas Instruments ADC082S021 Datasheet HTML 3Page - Texas Instruments ADC082S021 Datasheet HTML 4Page - Texas Instruments ADC082S021 Datasheet HTML 5Page - Texas Instruments ADC082S021 Datasheet HTML 6Page - Texas Instruments ADC082S021 Datasheet HTML 7Page - Texas Instruments ADC082S021 Datasheet HTML 8Page - Texas Instruments ADC082S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADC082S101
www.ti.com
SNAS288D – APRIL 2005 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Analog Supply Voltage VA
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to VA +0.3V
Input Current at Any Pin(4)
±10 mA
Package Input Current(4)
±20 mA
Power Consumption at TA = 25°C
See (5)
ESD Susceptibility(6)
Human Body Model
2500V
Machine Model
250V
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin should be limited to
10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to two. The Absolute Maximum Rating specification does not apply to the VA pin. The current into the VA pin is
limited by the Analog Supply Voltage specification.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. The values for maximum power dissipation listed above will be reached only when the device is operated in
a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is
reversed). Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through zero ohms.
Operating Ratings
(1) (2)
Operating Temperature Range
−40°C ≤ TA ≤ +85°C
VA Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to VA
Clock Frequency
50 kHz to 16 MHz
Analog Input Voltage
0V to VA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Package Thermal Resistance
(1)
Package
θJA
8-lead VSSOP
250°C / W
(1)
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. Reflow temperature
profiles are different for lead-free and non-lead-free packages.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC082S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com