Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
-95
-90
-85
-80
-75
-70
-65
-60
0.8
1
1.2 1.4
1.6
2
2.4 2.6
2.8
3
VREF, V
THD
HAR2
HAR3
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
20
40
INPUT FREQUENCY, MHz
10
30
THD
2nd Harmonic
3rd Harmonic
-90
-85
-80
-75
-70
-65
-60
10
20
40
45
50
55
60
FCLK, MHz
THD
HAR3
HAR2
-86
-84
-82
-80
-78
-76
-74
-72
-70
-68
35
40
45
50
55
60
65
CLOCK DUTY CYCLE
HAR2
THD
HAR3
VA/VDR, Volts
-90
-88
-86
-84
-82
-80
-78
-76
-74
-72
-70
THD
3rd Harmonic
2nd Harmonic
4.5/
4.5
4.75/
4.75
5.0/
3.0
5.0/
4.0
5.0/
5.0
5.25/
5.25
5.5/
5.5
5.0/
2.5
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VA = VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz unless otherwise stated
SNR, SINAD, SFDR
Distortion
vs. Temperature
vs.Supply Voltage
Figure 17.
Figure 18.
Distortion
Distortion vs.
vs.
Clock Frequency
Clock Duty Cycle
Figure 19.
Figure 20.
Distortion
Distortion
vs.
vs.
Input Frequency
Reference Voltage
Figure 21.
Figure 22.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com