Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D040CIVS/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ADC12D040
www.ti.com
SNAS171E – JUNE 2002 – REVISED MARCH 2013
Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause Distortion
Figure 30. Angular Errors Between Two Input Signals
Table 1. Input to Output Relationship – Differential Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF/2
VCM + VREF/2
0000 0000 0000
1000 0000 0000
VCM − VREF/4
VCM + VREF/4
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/4
VCM − VREF/4
1100 0000 0000
0100 0000 0000
VCM + VREF/2
VCM − VREF/2
1111 1111 1111
0111 1111 1111
Table 2. Input to Output Relationship – Single-Ended Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF
VCM
0000 0000 0000
1000 0000 0000
VCM − VREF/2
VCM
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/2
VCM
1100 0000 0000
0100 0000 0000
VCM + VREF
VCM
1111 1111 1111
0111 1111 1111
Single-Ended Operation
Single-ended performance is lower than with differential input signals. For this reason, single-ended operation is
not recommended. However, if single ended-operation is required and the resulting performance degradation is
acceptable, one of the analog inputs should be connected to the d.c. mid point voltage of the driven input. The
peak-to-peak differential input signal should be twice the reference voltage to maximize SNR and SINAD
performance (Figure 29b).
For example, set VREF to 1.0V, bias VIN− to 2.5V and drive VIN+ with a signal range of 1.5V to 3.5V.
Because very large input signal swings can degrade distortion performance, better performance with a single-
ended input can be obtained by reducing the reference voltage when maintaining a full-range output. Table 1 and
Table 2 indicate the input to output relationship of the ADC12D040.
Driving the Analog Input
The VIN+ and the VIN− inputs of the ADC12D040 consist of an analog switch followed by a switched-capacitor
amplifier. The capacitance seen at the analog input pins changes with the clock level, appearing as 8 pF when
the clock is low, and 7 pF when the clock is high.
As the internal sampling switch opens and closes, current pulses occur at the analog input pins, resulting in
voltage spikes at the signal input pins. As a driving amplifier attempts to counteract these voltage spikes, a
damped oscillation may appear at the ADC analog inputs. The best amplifiers for driving the ADC12D040 input
pins must be able to react to these spikes and settle before the switch opens and another sample is taken. The
LMH6702 LMH6628 and the LMH6622, LMH6655 are good amplifiers for driving the ADC12D040.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADC12D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com