Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14C080 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 13Page - Texas Instruments ADC14C080 Datasheet HTML 14Page - Texas Instruments ADC14C080 Datasheet HTML 15Page - Texas Instruments ADC14C080 Datasheet HTML 16Page - Texas Instruments ADC14C080 Datasheet HTML 17Page - Texas Instruments ADC14C080 Datasheet HTML 18Page - Texas Instruments ADC14C080 Datasheet HTML 19Page - Texas Instruments ADC14C080 Datasheet HTML 20Page - Texas Instruments ADC14C080 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ADC14C080
www.ti.com
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, fIN = 10 MHz, CL = 5 pF/pin. TA = 25°C.
SNR, SINAD, SFDR vs. Clock Duty Cycle, DCS Enabled
Distortion vs. Clock Duty Cycle, DCS Enabled
Figure 21.
Figure 22.
SNR, SINAD, SFDR vs. fIN
Distortion vs. fIN
Figure 23.
Figure 24.
SNR, SINAD, SFDR vs. Temperature
Distortion vs. Temperature
Figure 25.
Figure 26.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC14C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com