Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14C080 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC14C080
Description  ADC14C080 14-Bit, 65/80 MSPS A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14C080 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC14C080 Datasheet HTML 19Page - Texas Instruments ADC14C080 Datasheet HTML 20Page - Texas Instruments ADC14C080 Datasheet HTML 21Page - Texas Instruments ADC14C080 Datasheet HTML 22Page - Texas Instruments ADC14C080 Datasheet HTML 23Page - Texas Instruments ADC14C080 Datasheet HTML 24Page - Texas Instruments ADC14C080 Datasheet HTML 25Page - Texas Instruments ADC14C080 Datasheet HTML 26Page - Texas Instruments ADC14C080 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADC14C080
CHOKE
0.1 PF
D7
D6
D5
D4
D11
D10
D9
D8
D3
D2
D1
(LSB) D0
2 x 0.1 PF
31
V
REF
+
10 PF
+3.3V
50
32
2
1
V
CMO
V RP
V
RN
T1
ADT1-1WT
0.1 PF
20
20
0.1 PF
1
VIN+
VIN-
OF/DCC
CLK
Clock In
OF/DCS
PD
PD
0.1 PF
0.1 PF
1 PF
0.1 PF
D12
(MSB) D13
13
14
15
16
17
18
19
23
24
25
26
27
28
29
2.4 to VA Volts
5
6
30
12
11
VIN
74LVTH162374
Output
Word
CLK
10 PF
18 pF
DRDY
21
0.1 PF
1 PF
0.1 PF
ADC14C080
www.ti.com
SNAS375C – SEPTEMBER 2006 – REVISED APRIL 2013
Figure 36. Application Circuit
POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 0.1 µF capacitor and with a 100 pF ceramic chip capacitor
close to each power pin. Leadless chip capacitors are preferred because they have low series inductance.
As is the case with all high-speed converters, the ADC14C080 is sensitive to power supply noise. Accordingly,
the noise on the analog supply pin should be kept below 100 mVP-P.
No pin should ever have a voltage on it that is in excess of the supply voltages, not even on a transient basis. Be
especially careful of this during power turn on and turn off.
The VDR pin provides power for the output drivers and may be operated from a supply in the range of 2.4V to VA.
This enables lower power operation, reduces the noise coupling effects from the digital outputs to the analog
circuitry and simplifies interfacing to lower voltage devices and systems.
LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are essential to ensure accurate conversion. Maintaining
separate analog and digital areas of the board, with the ADC14C080 between these areas, is required to achieve
specified performance.
The ground return for the data outputs (DRGND) carries the ground current for the output drivers. The output
current can exhibit high transients that could add noise to the conversion process. To prevent this from
happening, the DRGND pins should NOT be connected to system ground in close proximity to any of the
ADC14C080's other ground pins.
Capacitive coupling between the typically noisy digital circuitry and the sensitive analog circuitry can lead to poor
performance. The solution is to keep the analog circuitry separated from the digital circuitry, and to keep the
clock line as short as possible.
The effects of the noise generated from the ADC output switching can be minimized through the use of 22
Ω
resistors in series with each data output line. Locate these resistors as close to the ADC output pins as possible.
Since digital switching transients are composed largely of high frequency components, total ground plane copper
weight will have little effect upon the logic-generated noise. This is because of the skin effect. Total surface area
is more important than is total ground plane area.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC14C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com