Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8345EB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8345EB.B
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8345EB.B Datasheet(HTML) 2 Page - Texas Instruments

  ADS8345EB.B Datasheet HTML 1Page - Texas Instruments ADS8345EB.B Datasheet HTML 2Page - Texas Instruments ADS8345EB.B Datasheet HTML 3Page - Texas Instruments ADS8345EB.B Datasheet HTML 4Page - Texas Instruments ADS8345EB.B Datasheet HTML 5Page - Texas Instruments ADS8345EB.B Datasheet HTML 6Page - Texas Instruments ADS8345EB.B Datasheet HTML 7Page - Texas Instruments ADS8345EB.B Datasheet HTML 8Page - Texas Instruments ADS8345EB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADS8345
SBAS177C
2
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
+VCC to GND ........................................................................ –0.3V to +6V
Analog Inputs to GND .......................................... –0.3V to (+VCC) + 0.3V
Digital Inputs to GND ........................................................... –0.3V to +6V
Power Dissipation .......................................................................... 250mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
Top View
SSOP
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CH0
Analog Input Channel 0
2
CH1
Analog Input Channel 1
3
CH2
Analog Input Channel 2
4
CH3
Analog Input Channel 3
5
CH4
Analog Input Channel 4
6
CH5
Analog Input Channel 5
7
CH6
Analog Input Channel 6
8
CH7
Analog Input Channel 7
9
COM
Common reference for analog inputs. This pin is typically
connected to VREF.
10
SHDN
Shutdown. When LOW, the device enters a very
low-power shutdown mode.
11
VREF
Voltage Reference Input. See the Electrical Character-
istics Table for ranges.
12
+VCC
Power Supply, 2.7V to 5.25V
13
GND
Ground
14
GND
Ground
15
DOUT
Serial Data Output. Data is shifted on the falling edge of
DCLK. This output is high impedance when CS is HIGH.
16
BUSY
Busy Output. Busy goes LOW when the DIN control bits
are being read and also when the device is converting.
The Output is high impedance when CS is HIGH.
17
DIN
Serial Data Input. If CS is LOW, data is latched on rising
edge of DCLK.
18
CS
Chip Select Input; Active LOW. Data will not be clocked
into DIN unless CS is LOW. When CS is HIGH, DOUT is
high impedance.
19
DCLK
External Clock Input. The clock speed determines the
conversion rate by the equation fDCLK = 24 • fSAMPLE.
20
+VCC
Power Supply
1
2
3
4
5
6
7
8
9
10
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
SHDN
+V
CC
DCLK
CS
D
IN
BUSY
D
OUT
GND
GND
+V
CC
V
REF
20
19
18
17
16
15
14
13
12
11
ADS8345
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
INTEGRAL
MAXIMUM
SPECIFIED
LINEARITY
GAIN
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
ERROR (%)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
NUMBER
MEDIA, QUANTITY
ADS8345E
8
±0.05
QSOP-20
DBQ
–40
°C to +85°C
ADS8345E
Rails, 100
""
"
"
"
"
ADS8345E/2K5
Tape and Reel, 2500
ADS8345N
8
±0.05
SSOP-20
DB
–40
°C to +85°C
ADS8345N
Rails, 100
""
"
"
"
"
ADS8345N/1K
Tape and Reel, 1000
ADS8345EB
6
±0.024
QSOP-20
DBQ
–40
°C to +85°C
ADS8345EB
Rails, 100
""
"
"
"
"
ADS8345EB/2K5
Tape and Reel, 2500
ADS8345NB
6
±0.024
SSOP-20
DB
–40
°C to +85°C
ADS8345NB
Rails, 100
""
"
"
"
"
ADS8345NB/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com